| データシートサーチシステム |
|
TC_P データシート(PDF) 8 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
TC_P データシート(HTML) 8 Page - Rohm |
|
8 / 12 page ![]() TC Series P Case Tantalum capacitors Rev.D 8/11 Recommended condition of reflow soldering ( ) Leakage current-to-voltage ratio 0.01 0.1 1 0 20406080 100 % OF RATED VOLTAGE ( VR) Fig.1 (2) Derating voltage as function of temperature 50 60 70 80 90 100 75 85 95 105 115 125 TEMPERATURE ( °C) Fig.2 85 °C 125 °C Rated Voltage 4 6.3 10 16 20 5 8 13 20 26 2.5 4 6.3 10 13 3.2 5 8 13 16 Surge Voltage Category Voltage Surge Voltage (V.DC) (V.DC) (V.DC) (V.DC) (3) Reliability The malfunction rate of tantalum solid state electrolytic capacitors varies considerably depending on the conditions of usage (ambient temperature, applied voltage, circuit resistance). Formula for calculating malfunction rate p = b ( E SR Q CV ) p : Malfunction rate stemming from operation b : Basic malfunction rate E : Environmental factors SR : Series resistance Q : Level of malfunction rate CV : Capacitance For details on how to calculate the malfunction rate stemming from operation, see the tantalum solid state electrolytic capacitors column in MIL-HDBK-217. |