データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

240-031237SP データシート(PDF) 2 Page - Glenair, Inc.

部品番号 240-031237SP
部品情報  Micro-D Filter Connectors Vertical Printed Circuit Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GLENAIR [Glenair, Inc.]
ホームページ  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

240-031237SP データシート(HTML) 2 Page - Glenair, Inc.

  240-031237SP Datasheet HTML 1Page - Glenair, Inc. 240-031237SP Datasheet HTML 2Page - Glenair, Inc. 240-031237SP Datasheet HTML 3Page - Glenair, Inc. 240-031237SP Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 2006 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
F-12
E-Mail: sales@glenair.com
Micro-D Filter Connectors
Vertical Printed Circuit Board
.096/.088 (2.43/2.23) DIA.
D
A
B
C
E
Ø.018 ± .002
(0.46 ± 0.05)
F
TAIL LENGTH ± .015
(± 0.38)
.025 (0.64)
PI FILTER .930 (23.62) MAX.
C FILTER .530 (13.46) MAX.
MICRO-D FILTER VERTICAL PCB DIMENSIONS
Layout
A Max.
B
C Max.
D Max.
E Max.
F
In.
mm.
In .
± .003
mm.
± 0.08
In.
mm.
In.
mm.
In.
mm.
In.
± .004
mm.
± 0.10
9P
.785
19.94
.565
14.35
.333
8.46
.184
4.67
.310
7.87
.183
4.65
9S
.785
19.94
.565
14.35
.400
10.16
.250
6.35
.310
7.87
.195
4.95
15P
.935
23.75
.715
18.16
.483
12.27
.184
4.67
.310
7.87
.183
4.65
15S
.935
23.75
.715
18.16
.551
14.00
.250
6.35
.310
7.87
.195
4.95
21P
1.085
27.56
.865
21.97
.633
16.08
.184
4.67
.310
7.87
.183
4.65
21S
1.085
27.56
.865
21.97
.701
17.81
.250
6.35
.310
7.87
.195
4.95
25P
1.185
30.01
.965
24.51
.733
18.62
.184
4.67
.310
7.87
.183
4.65
25S
1.185
30.01
.965
24.51
.801
20.35
.250
6.35
.310
7.87
.195
4.95
31P
1.335
33.91
1.115
28.32
.883
22.43
.184
4.67
.310
7.87
.183
4.65
31S
1.335
33.91
1.115
28.32
.951
24.16
.250
6.35
.310
7.87
.195
4.95
37P
1.485
37.72
1.265
32.13
1.033
26.24
.184
4.67
.310
7.87
.183
4.65
37S
1.485
37.72
1.265
32.13
1.101
27.96
.250
6.35
.310
7.87
.195
4.95



Html Pages

1 2 3 4