| データシートサーチシステム |
|
311HS063XW10 データシート(PDF) 2 Page - Glenair, Inc. |
|
|
|||||||||||||||||||||||||||||
311HS063XW10 データシート(HTML) 2 Page - Glenair, Inc. |
|
2 / 2 page ![]() A-9 GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 © 2009 Glenair, Inc. Printed in U.S.A. CAGE Code 06324 www.glenair.com E-Mail: sales@glenair.com A B C D E F G TABLE IV: CABLE ENTRY Dash Number D Max Entry Max 01 .448 (11.4) .13 (3.3) 02 .515 (13.1) .25 (6.4) 03 .640 (16.3) .38 (9.7) 04 .765 (19.4) .50 (12.7) 05 .930 (23.6) .63 (16.0) 06 1.015 (25.8) .75 (19.1) 07 1.140 (29.0) .81 (20.6) 08 1.265 (32.1) 1.06 (26.9) 09 1.432 (36.4) 1.19 (30.2) 10 1.515 (38.5) 1.38 (35.1) 311-063 Composite Lamp Base Thread EMI/RFI Environmental Shield Termination Backshell with Shrink Boot Porch and Direct Coupling Nut NOTES See Table I in Intro for front-end dimensional details. 1. For angled shrink boots, contact Glenair engineering. 2. 770-001S**-0 shrink boot supplied with T option. See shrink boot product page for more details. 3. TABLE III: FINISH Symbol Finish Description XM 2000 Hour Corrosion Resistant Electroless Nickel XMT 2000 Hour Corrosion Resistant Ni-PTFE, Nickel-Fluorocarbon Polymer. 1000 Hour GreyTM XW 2000 Hour Corrosion Resistant Cadmium/Olive Drab over Electroless Nickel |