| データシートサーチシステム |
|
360JS002M16 データシート(PDF) 2 Page - Glenair, Inc. |
|
|
|||||||||||||||||||||||||||||
360JS002M16 データシート(HTML) 2 Page - Glenair, Inc. |
|
2 / 2 page ![]() www.glenair.com E-Mail: sales@glenair.com Series 36 - Page 5 GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 © 2005 Glenair, Inc. Printed in U.S.A. CAGE Code 06324 See inside back cover fold-out or pages 13 and 14 for unabridged Tables I and II. Max .250 (6.4) .312 (7.9) .438 (11.1) .562 (14.3) .625 (15.9) .750 (19.1) .938 (23.8) 1.250 (31.8) 1.375 (34.9) 1.625 (41.3) 1.875 (47.6) 2.375 (60.3) Dash No. 03* 04* 06* 08 10 12 16 20 24 28 32* 40* X Max .760 (19.3) .760 (19.3) .760 (19.3) .760 (19.3) .760 (19.3) .760 (19.3) 1.073 (27.3) 1.323 (33.6) 1.323 (33.6) 1.572 (39.9) 1.572 (39.9) 1.572 (39.9) Min .156 (4.0) .188 (4.8) .281 (7.1) .344 (8.7) .375 (9.5) .438 (11.1) .562 (14.3) .750 (19.1) .781 (19.8) .969 (24.6) 1.125 (28.6) 1.469 (37.3) Y Max .843 (21.4) .906 (23.0) 1.093 (27.8) 1.187 (30.1) 1.281 (32.5) 1.500 (38.1) 1.719 (43.7) 2.062 (52.4) 2.312 (58.7) 2.719 (69.1) 2.969 (75.4) 3.531 (89.7) Cable Range * Not available in Style M clamp. W Max .437 (11.1) .437 (11.1) .500 (12.7) .563 (14.3) .563 (14.3) .563 (14.3) .656 (16.7) .656 (16.7) .656 (16.7) 1.188 (30.2) 1.187 (30.1) 1.125 (28.6) TABLE XI: CABLE ENTRY Max .312 (7.9) .437 (11.1) .562 (14.3) .625 (15.9) .750 (19.1) .937 (23.8) 1.250 (31.8) 1.375 (34.9) 1.625 (41.3) 1.875 (47.6) TABLE X: CABLE ENTRY Dash No. 04 06 08 10 12 16 20 24 28 32 T Max .780 (19.8) .780 (19.8) .780 (19.8) .780 (19.8) .811 (20.6) .905 (23.0) 1.092 (27.7) 1.124 (28.5) 1.399 (35.5) 1.399 (35.5) Min .125 (3.2) .250 (6.4) .312 (7.9) .350 (8.9) .500 (12.7) .625 (15.9) .875 (22.2) 1.000 (25.4) 1.250 (31.8) 1.437 (36.5) V Max .957 (24.3) 1.145 (29.1) 1.332 (33.8) 1.332 (33.8) 1.551 (39.4) 1.770 (45.0) 2.113 (53.7) 2.363 (60.0) 2.770 (70.4) 3.020 (76.7) Cable Range E Max .567 (14.4) .630 (16.0) .692 (17.6) .755 (19.2) .848 (21.5) 1.036 (26.3) 1.130 (28.7) 1.255 (31.9) 1.317 (33.5) 1.348 (34.2) Elbow Size 04 06 08 10 12 16 20 24 28 32 F Max 1.187 (30.1) 1.250 (31.8) 1.312 (33.3) 1.655 (42.0) 1.765 (44.8) 1.952 (49.6) 2.098 (53.3) 2.155 (54.7) 2.250 (57.2) 2.343 (59.5) G Max .636 (16.2) .710 (18.0) .731 (18.6) .825 (21.0) .988 (25.1) 1.087 (27.6) 1.325 (33.7) 1.337 (34.0) 1.827 (46.4) 2.027 (51.5) H Max 1.200 (30.5) 1.320 (33.5) 1.340 (34.0) 1.660 (42.2) 1.750 (44.5) 2.033 (51.6) 2.033 (51.6) 2.200 (55.9) 2.450 (62.2) 2.450 (62.2) TABLE IV: ELBOW DIMENSIONS Elbow Size 04 06 08 10 12 16 20 H1 Max 1.560 (39.6) 1.680 (42.7) 1.700 (43.2) 1.770 (45.0) 1.860 (47.2) 2.030 (51.6) 2.140 (54.4) F1 Max 1.550 (39.4) 1.610 (40.9) 1.670 (42.4) 1.760 (44.7) 1.870 (47.5) 2.060 (52.3) 2.210 (56.1) TABLE V: ELBOW Elbow Size 04 06 08 10 12 16 20 Dash No. 02 03 04 05 06 07 08 10 Min .125 (3.2) .250 (6.4) .312 (7.9) .437 (11.1) .562 (14.3) .687 (17.4) .812 (20.6) 1.062 (27.0) Max .250 (6.4) .375 (9.5) .500 (12.7) .625 (15.9) .750 (19.1) .875 (22.2) 1.000 (25.4) 1.250 (31.8) Z Max .968 (24.6) 1.046 (26.6) 1.156 (29.4) 1.218 (30.9) 1.343 (34.1) 1.468 (37.3) 1.593 (40.5) 1.843 (46.8) Cable Range TABLE XII: CABLE ENTRY 360-002 Non-Environmental Backshell with Strain Relief Low Profile - Direct Coupling Shell Size 08/09 10/11 12/13 14/15 16/17 18/19 20/21 22/23 24/25 28/29 32/33 36 40 A-E-F J-H-L-S 1.180 (30.0) 1.180 (30.0) 1.180 (30.0) 1.180 (30.0) 1.380 (35.0) 1.380 (35.0) 1.380 (35.0) 1.380 (35.0) 1.380 (35.0) 1.610 (40.9) 1.610 (40.9) 1.610 (40.9) 1.610 (40.9) D-B-G-K 1.250 (31.8) 1.250 (31.8) 1.250 (31.8) 1.250 (31.8) 1.560 (39.6) 1.560 (39.6) 1.560 (39.6) 1.560 (39.6) 1.560 (39.6) 1.560 (39.6) 1.750 (44.5) 1.750 (44.5) 2.190 (55.6) J Max - Conn. Designator TABLE III: FRONT ADAPTER C 1.735 (44.1) 1.915 (48.6) 1.915 (48.6) 1.915 (48.6) 1.915 (48.6) 1.915 (48.6) 1.915 (48.6) 1.915 (48.6) 1.915 (48.6) 1.915 (48.6) 1.915 (48.6) |