データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DS2715 データシート(PDF) 7 Page - Maxim Integrated Products

部品番号 DS2715
部品情報  NiMH Battery Pack Charge Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MAXIM [Maxim Integrated Products]
ホームページ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2715 データシート(HTML) 7 Page - Maxim Integrated Products

Back Button DS2715 Datasheet HTML 3Page - Maxim Integrated Products DS2715 Datasheet HTML 4Page - Maxim Integrated Products DS2715 Datasheet HTML 5Page - Maxim Integrated Products DS2715 Datasheet HTML 6Page - Maxim Integrated Products DS2715 Datasheet HTML 7Page - Maxim Integrated Products DS2715 Datasheet HTML 8Page - Maxim Integrated Products DS2715 Datasheet HTML 9Page - Maxim Integrated Products DS2715 Datasheet HTML 10Page - Maxim Integrated Products DS2715 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
DS2715: NiMH Battery Pack Charge Controller
7 of 17
DETAILED DESCRIPTION
Charge Cycle Overview
The DS2715 regulates the charge of up to 10 NiMH cells in a series configuration. With the mode select pin, the
DS2715 can be configured to regulate either as an error amplifier in linear mode or as a comparator in switched
mode. A charge cycle begins in one of two ways: with the application of power to the DS2715 while the cell pack is
already inserted, or with the detection of cell insertion after power-up.
After cell presence confirmation, PRECHARGE qualification occurs to prevent fast charging of deeply depleted
cells or charging under extreme temperature conditions. Pre-charging is performed at a reduced rate of
approximately ¼ the FAST-CHARGE current until each cell reaches 1V. The algorithm then proceeds to the FAST-
CHARGE phase. Fast charging continues as long as the cell pack temperature is less than 50
C based on the
THM voltage, and the cell voltage as measured at the VBATT pin in the middle of the resistor divider remains below
1.65V, indicating the cell pack is still present. Fast charging terminates normally by measuring the cell pack’s
thermal rate of change, dT/dt. When the cell pack’s thermal rate of change exceeds 0.5°C per minute, the DS2715
enters TOPOFF. The DS2715 has an internal charge timer as secondary overcharge protection if the charge is not
terminated properly by the dT/dt method. The charge termination timer duration is user selectable from 30 minutes
up to 6 hours by an external resistor on the RT pin.
Following a normally terminated or timed-out FAST-CHARGE phase, the DS2715 enters TOPOFF. It remains in
this state for one-half (one-quarter for DS2715B) of the period of the FAST-CHARGE timeout as selected by the
external resistor on RT. After the TOPOFF charge timer expires, the DONE phase continues indefinitely until the
cell pack is removed from the charger or DISCHARGE mode is entered. For the standard application circuit
configuration, when a load drawing at least Vdchg-set across the sense resistor is attached to the cell pack, the
DS2715 switches to DISCHARGE mode. All charge functions are disabled and the regulation FET is driven on to
allow the cell pack to discharge. Throughout the charging process, the open-drain LED1 output indicates the
charge status to the user.
Undervoltage Lockout (Reset)
The UVLO circuit serves as a power-up and brownout detector by monitoring VDD to prevent charging until VDD
rises above VUVLO, or when VDD drops below VUVLO - VUVLO-HYS. If UVLO is active, charging is prevented, the state
machine is forced to the RESET state, and all charge timers are reset. A 10
s deglitch circuit provides noise
immunity. Once VDD reaches an acceptable operating voltage, the DS2715 enters the PRESENCE state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com