データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

447LS326XM08 データシート(PDF) 2 Page - Glenair, Inc.

部品番号 447LS326XM08
部品情報  Composite Standard Profile EMI/RFI Micro-Banding Backshell
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GLENAIR [Glenair, Inc.]
ホームページ  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

447LS326XM08 データシート(HTML) 2 Page - Glenair, Inc.

  447LS326XM08 Datasheet HTML 1Page - Glenair, Inc. 447LS326XM08 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A-75
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2009 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
447-326
Composite Standard Profile EMI/RFI
Micro-Banding Backshell
with Self-Locking Rotatable Coupling and Shrink Boot Porch
TABLE IV: CABLE ENTRY
Entry Dia.
±.03
(0.8)
.13
(3.3)
.19
(4.8)
.25
(6.4)
.31
(7.9)
.38
(9.7)
.44 (11.2)
.50 (12.7)
.56 (14.2)
.63 (16.0)
.69 (17.5)
Entry
Code
02
03
04
05
06
07
08
09
10
11
Dash No.
12
13
14
15
16
17
18
19
20
22
Entry Dia.
±.03
(0.8)
.75 (19.1)
.81 (20.6)
.88 (22.4)
.94 (23.9)
1.00 (25.4)
1.06 (26.9)
1.13 (28.7)
1.19 (30.2)
1.25 (31.8)
1.38 (35.1)
E
± .06
(1.5)
.72 (18.3)
.75 (19.1)
.75 (19.1)
.76 (19.3)
.78 (19.8)
.79 (20.1)
.82 (20.8)
.86 (21.8)
.89 (22.6)
.92 (23.4)
F
± .09
(2.3)
.87 (22.1)
.93 (23.6)
1.00 (25.4)
1.03 (26.2)
1.05 (26.7)
1.06 (26.9)
1.09 (27.7)
1.13 (28.7)
1.16 (29.5)
1.19 (30.2)
Max Entry
Dash No.
(Table 2)
04
06
08
10
12
13
15
17
19
22
TABLE II: CONNECTOR SHELL SIZE (CONT.)
Shell Size For
Connector Designator*
A
08
10
12
14
16
18
20
22
24
28
F/L
08
10
12
14
16
18
20
22
24
–
H
09
11
13
15
17
19
21
23
25
–
G
–
–
11
13
15
17
19
–
23
25
U
–
08
10
12
14
16
18
20
22
24
E
F
Raised Configuration
(Mfr's Option)
Accommodates
600-057 MicroBand
Drain Holes
Optional
Entry Diameter
Anti-Decoupling
Device
NOTES
770-001S**-0 shrink boot supplied with T option.
1.
See shrink boot product page for more details.
Metric dimensions (mm) are in parenthesis and are
2.
for reference only.
Coupling nut supplied unplated.
3.
See Table I in Intro for front-end dimensional details.
4.



Html Pages

1 2