データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PI2003 データシート(PDF) 13 Page - Vicor Corporation

部品番号 PI2003
部品情報  Universal Active ORing Controller IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VICOR [Vicor Corporation]
ホームページ  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2003 データシート(HTML) 13 Page - Vicor Corporation

Back Button PI2003 Datasheet HTML 8Page - Vicor Corporation PI2003 Datasheet HTML 9Page - Vicor Corporation PI2003 Datasheet HTML 10Page - Vicor Corporation PI2003 Datasheet HTML 11Page - Vicor Corporation PI2003 Datasheet HTML 12Page - Vicor Corporation PI2003 Datasheet HTML 13Page - Vicor Corporation PI2003 Datasheet HTML 14Page - Vicor Corporation PI2003 Datasheet HTML 15Page - Vicor Corporation PI2003 Datasheet HTML 16Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Layout Recommendation:
Use the following general guidelines when designing
printed circuit boards. An example of the typical
land pattern for a TDFN PI2003 and SO-8/PowerPak
MOSFET is shown in Figure 14:
•
It is best to connect the gate of the MOSFET to
the GATE pin of the controller with a short and
wide trace.
•
Connections from the SP and SN pins to the
MOSFET source and drain pins respectively
should be as short as possible
•
The VC bypass capacitor (C1 and C2) should be
located as close as possible to the VC and GND
pins.
Place the PI2003 and VC bypass
capacitor on the same layer of the board.
•
Connect all MOSFET source pins together with
a wide trace to reduce trace parasitics and to
accommodate the high current input. Similarly,
connect all MOSFET Drain pins together with a
wide trace to accommodate the high current
output.
Figure 14:
PI2003 and MOSFET layout example
Figure 15:
PI2003 Mounted on
PI2003-EVAL1
Figure 16:
PI2003-EVAL1 performance under an input short
Please visit www.picorpower.com for information on PI2003-EVAL1
Picor Corporation • picorpower.com
PI2003
Rev 1.0
Page 13 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16