| データシートサーチシステム |
|
MAXQ3180-RAN+ データシート(PDF) 47 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAXQ3180-RAN+ データシート(HTML) 47 Page - Maxim Integrated Products |
|
47 / 101 page ![]() Low-Power, Multifunction, Polyphase AFE ______________________________________________________________________________________ 47 Energy, Reactive Negative, Phase X = A/B/C (X.ERNEG) (A: 0x1F4, B: 0x2E0, C: 0x3C8) On every DSP cycle, the contents of the X.REA register are tested, and, if negative, absolute values are added to this register. When this register overflows, the RNOV bit in the X.EOVER register is set. Energy, Apparent, Phase X = A/B/C (X.ES) (A: 0x1F8, B: 0x2E4, C: 0x3D0) On every DSP cycle, the contents of the X.APP register are added to this register. When this register overflows, the SOV bit in the X.EOVER register is set. Bit: 31 30 29 28 27 26 25 24 Name: Reactive Energy Byte 3 Bit: 23 22 21 20 19 18 17 16 Name: Reactive Energy Byte 2 Bit: 15 14 13 12 11 10 9 8 Name: Reactive Energy Byte 1 Bit: 7 6 5 4 3 2 1 0 Name: Reactive Energy Byte 0 Bit: 31 30 29 28 27 26 25 24 Name: Apparent Energy Byte 3 Bit: 23 22 21 20 19 18 17 16 Name: Apparent Energy Byte 2 Bit: 15 14 13 12 11 10 9 8 Name: Apparent Energy Byte 1 Bit: 7 6 5 4 3 2 1 0 Name: Apparent Energy Byte 0 |