| データシートサーチシステム |
|
507T175E1503E データシート(PDF) 2 Page - Glenair, Inc. |
|
|
|||||||||||||||||||||||||||||
507T175E1503E データシート(HTML) 2 Page - Glenair, Inc. |
|
2 / 2 page ![]() © 2006 Glenair, Inc. CAGE Code 06324/0CA77 Printed in U.S.A. GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 www.glenair.com L-20 E-Mail: sales@glenair.com A B C D E F G H J K L M N P CABLE ENTRY SIZES Cable Entry Code D E Available on Shell Size In. ± .010 mm. ± 0.25 In. ± .010 mm. ± 0.25 01 .344 8.74 .290 7.37 09 Thru 100 02 .494 12.55 .290 7.37 15 Thru 100 03 .644 16.36 .290 7.37 21 Thru 100 04 .744 18.90 .304 7.72 25 Thru 100 05 .894 21.34 .304 7.72 31 Thru 100 06 .994 25.25 .304 7.72 37 Thru 100 07 1.044 26.52 .304 7.72 37 and 100 08 1.024 26.01 .384 9.75 100 MATERIALS (SEE oRDERING INFo FoR FINISh opTIoNS) Shell Aluminum Alloy 6061 -T6 Per QQ-A-200, QQ-A-225 (Machined Components) Aluminum Alloy 6061-T6 Per QQ-A-591 (A380) (Die-Cast Components) Clips 17-7PH Stainless Steel Jackscrews, Washers, Jackposts 300 Series Stainless Steel, Passivated Micro-D Backshells EMI, Banding, Elliptical, one piece 507-175 C D B E A L CONNECTOR ORDERED SEPARATELY H .175 (4.4) #2-56 UNC THDS. 9-69 PIN #4-40 UNC THDS. 100 PIN .32 (8.1) STANDARD FILLISTER HEAD JACKSCREW CODE H HEX HEAD JACKSCREW CODE F FEMALE JACKPOST CODE E EXTENDED JACKSCREW K F G J DIMENSIoNS Size A Max. B Max. C F Max. G Max. h Max. J Max. K Max. In. mm. In. mm. In. mm. In. mm. In. mm. In. mm. In. mm. In. mm. 09 .850 21.59 .370 9.40 .565 14.35 .782 19.86 .970 24.64 .668 16.97 .673 17.09 .851 21.62 15 1.000 25.40 .370 9.40 .715 18.16 .832 21.13 .970 24.64 .668 16.97 .673 17.09 .876 22.25 21 1.150 29.21 .370 9.40 .865 21.97 .882 22.40 .970 24.64 .668 16.97 .673 17.09 .901 22.89 25 1.250 31.75 .370 9.40 .965 24.51 .932 23.67 .990 25.15 .678 17.22 .700 17.78 .943 23.95 31 1.400 35.56 .370 9.40 1.115 28.32 .972 24.69 .990 25.15 .678 17.22 .700 17.78 .963 24.46 37 1.550 39.37 .370 9.40 1.265 32.13 .972 24.69 .990 25.15 .678 17.22 .700 17.78 .983 24.97 51 1.500 38.10 .410 10.41 1.215 30.86 1.092 27.74 1.030 26.16 .698 17.73 .758 19.25 1.050 26.67 51-2 1.910 48.51 .370 9.40 1.615 41.02 1.092 27.74 1.030 26.16 .698 17.73 .758 19.25 1.050 26.67 67 2.310 58.67 .370 9.40 2.015 51.18 1.092 27.74 1.030 26.16 .698 17.73 .758 19.25 1.050 26.67 69 1.810 45.97 .410 10.41 1.515 38.48 1.092 27.74 1.030 26.16 .698 17.73 .758 19.25 1.050 26.67 100 2.235 56.77 .460 11.68 1.800 45.72 1.157 29.39 1.090 27.69 .723 18.36 .824 20.93 1.130 28.70 |