| データシートサーチシステム |
|
CS5374 データシート(PDF) 12 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5374 データシート(HTML) 12 Page - Cirrus Logic |
|
12 / 44 page ![]() CS5374 CS5374 DS862PP1 12 DS862PP1 SPI™ INTERFACE TIMING (EXTERNAL MASTER) Parameter Symbol Min Typ Max Unit SDI Write Timing CS Enable to Valid Latch Clock t1 60 - - ns Data Set-up Time Prior to SCK Rising t2 60 - - ns Data Hold Time After SCK Rising t3 60 - - ns SCK High Time t4 120 - - ns SCK Low Time t5 120 - - ns SCK Falling Prior to CS Disable t6 60 - - ns SDO Read Timing SCK Falling to New Data Bit t7 - - 90 ns SCK High Time t8 120 - - ns SCK Low Time t9 120 - - ns SCK Falling Hold Time Prior to CS Disable t10 60 - - ns MSB MSB - 1 LSB t 6 t 5 t 4 t 3 t 2 t 1 CS SDI SCK Figure 8. SDI Write Timing in SPI Slave Mode MSB MSB - 1 LSB t 9 t 8 t 7 CS SDO SCK t 10 Figure 9. SDO Read Timing in SPI Slave Mode |