| データシートサーチシステム |
|
CS5524-ASZ データシート(PDF) 48 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5524-ASZ データシート(HTML) 48 Page - Cirrus Logic |
|
48 / 56 page ![]() CS5521/22/23/24/28 48 DS317F8 1.11 PCB Layout The CS5521/22/23/24/28 should be placed entirely over an analog ground plane with both the AGND and DGND pins of the device connected to the an- alog plane. Place the analog-digital plane split im- mediately adjacent to the digital portion of the chip. If separate digital (VD+) and analog (VA+) sup- plies are used, it is recommended that a diode be placed between them (the cathode of the diode should point to VA+). If the digital supply comes up before the analog supply, the ADC may not start up properly. |