| データシートサーチシステム |
|
550T033M データシート(PDF) 2 Page - Glenair, Inc. |
|
|
|||||||||||||||||||||||||||||
550T033M データシート(HTML) 2 Page - Glenair, Inc. |
|
2 / 2 page ![]() D-Subminiature Split Backshells Standard Dimensions 1. Metric dimensions (mm) are indicated in parentheses. Shell Size 1 2 3 4 5 6 COMMON BACKSHELL DIMENSIONS Com’l Shell Size Ref E/09 A/15 B/25 C/37 D/50 F/104 P .730 (18.5) 1.050 (26.7) 1.594 (40.5) 2.240 (56.9) 2.140 (54.4) 2.240 (56.9) R Ref .719 (18.3) .719 (18.3) .938 (23.8) .938 (23.8) .938 (23.8) 1.094 (27.8) A Max 1.393 (35.4) 1.706 (43.3) 2.265 (57.5) 2.900 (73.7) 2.800 (71.1) 2.900 (73.7) B Max .624 (15.8) .624 (15.8) .624 (15.8) .624 (15.8) .750 (19.1) .844 (21.4) C Ref. .312 (7.9) .312 (7.9) .312 (7.9) .312 (7.9) .375 (9.5) .422 (10.7) D ±.005 (.1) .984 (25.0) 1.312 (33.3) 1.852 (47.0) 2.500 (63.5) 2.406 (61.1) 2.500 (63.5) T - TOP ENTRY E - END ENTRY S - SIDE ENTRY Jackscrew Types B, D, H, K and J Only (Page A-4) Termination Type Shrink Sleeve (As Required) Termination Type E F E D C B F R P E G A Jackscrew Types B, D, E, H, K (Page A-4) Jackscrew Types B, D, E, H, K (Page A-4) A .12 (3.0) Ref. Dash No. CC F0 R1 R2 R3 R4 R5 R6 R7 R8 R9 CABLE MOUNTING DIMENSIONS Panel Thickness n/a n/a .031 (.8) .047 (1.2) .062 (1.6) .093 (2.4) .104 (2.6) .125 (3.2) .156 (4.0) .135 (3.4) .188 (4.8) E .174 (4.4) .343 (8.7) .247 (6.3) .231 (5.9) .216 (5.5) .185 (4.7) .174 (4.4) .153 (3.9) .125 (3.2) .140 (3.6) .094 (2.4) Sizes 1 & 2 1.451 (36.9) 1.625 (41.3) 1.525 (38.7) 1.509 (38.3) 1.500 (38.1) 1.470 (37.3) 1.451 (36.9) 1.430 (36.3) 1.400 (35.6) 1.417 (36.0) 1.368 (34.7) Sizes 3 - 5 1.671 (42.4) 1.844 (46.8) 1.745 (44.3) 1.728 (43.9) 1.720 (43.7) 1.690 (42.9) 1.671 (42.4) 1.650 (41.9) 1.620 (41.1) 1.637 (41.6) 1.590 (40.4) Sizes 1 & 2 1.583 (40.2) 1.750 (44.5) 1.656 (42.1) 1.640 (41.7) 1.625 (41.3) 1.594 (40.5) 1.583 (40.2) 1.563 (39.7) 1.531 (38.9) 1.550 (39.4) 1.500 (38.1) Sizes 3 - 5 1.831 (46.5) 2.000 (50.8) 1.904 (48.4) 1.888 (48.0) 1.873 (47.6) 1.842 (46.8) 1.831 (46.5) 1.811 (46.0) 1.781 (45.2) 1.798 (45.7) 1.750 (44.5) F + .031 (0.79) G + .031 (0.79) Size 6 1.820 (46.2) 2.000 (50.8) 1.890 (48.0) 1.875 (47.6) 1.860 (47.2) 1.829 (46.5) 1.820 (46.2) 1.798 (45.7) 1.767 (44.9) 1.805 (45.8) 1.740 (44.2) www.glenair.com E-Mail: sales@glenair.com GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 © 2004 Glenair, Inc. Printed in U.S.A. A-37 CAGE Code 06324 |