| データシートサーチシステム |
|
712S271XM データシート(PDF) 2 Page - Glenair, Inc. |
|
|
|||||||||||||||||||||||||||||
712S271XM データシート(HTML) 2 Page - Glenair, Inc. |
|
2 / 2 page ![]() C-23 GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 © 2009 Glenair, Inc. Printed in U.S.A. CAGE Code 06324 www.glenair.com E-Mail: sales@glenair.com A B C D E F G 712S271 Composite Dual EMI/RFI Shield Termination Conduit Fitting For Glenair Series 74 Helical Convoluted Tubing Max Conduit Size Table 2 16 24 32 40 64 09 12 Shell Size 01 02 03 04 05 06 07 A Thread Unified .750 - 20 1.000 - 20 1.312 - 18 1.500 - 18 2.000 - 18 .500 - 20 .625 - 24 TABLE I: CONDUIT FITTING SHELL SIZE Weight in Pounds Max. .035 .047 .062 .077 .104 .030 .031 J Dia Max .790 (20.1) .985 (25.0) .985 (25.0) 1.035 (26.3) 1.100 (27.9) 1.160 (29.5) 1.285 (32.6) 1.480 (37.6) 1.670 (42.4) 1.720 (43.7) 2.100 (53.3) 2.420 (61.5) 2.660 (67.6) 2.910 (73.9) Tubing Size 06 09 10 12 14 16 20 24 28 32 40 48 56 64 Conduit I.D. .188 (4.8) .281 (7.1) .312 (7.9) .375 (9.5) .437 (11.1) .500 (12.7) .625 (15.9) .750 (19.1) .875 (22.2) 1.000 (25.4) 1.250 (31.8) 1.500 (38.1) 1.750 (44.5) 2.000 (50.8) TABLE II: TUBING SIZE TABLE III Symbol Finish Description XB No Plating - Black Color (Non-Conductive Finish) XM 2000 Hour Corrosion Resistant Electroless Nickel XMT 2000 Hour Corrosion Resistant Ni-PTFE, Nickel- Fluorocarbon Polymer. 1000 Hour GreyTM XO No Plating - Brown Color (Non-Conductive Finish) XW 2000 Hour Corrosion Resistant Cadmium/Olive Drab over Electroless Nickel |