| データシートサーチシステム |
|
AS29F040DCG-60/XT データシート(PDF) 2 Page - Austin Semiconductor |
|
|
|||||||||||||||||||||||||||||
AS29F040DCG-60/XT データシート(HTML) 2 Page - Austin Semiconductor |
|
2 / 27 page ![]() FLASH FLASH FLASH FLASH FLASH AS29F040 AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice. 2 AS29F040 Rev. 2.2 09/07 Austin Semiconductor, Inc. GENERAL DESCRIPTION The AS29F040 is a 4Mbit, 5.0 Volt-only FLASH memory organized as 524,288 Kbytes of 8 bits each. The 512 Kbytes of data are divided into eight sectors of 64 Kbytes each for flexible erase capability. The 8 bits of data appear on DQ0-DQ7. The device is designed to be programmed in-system with the standard system 5.0 Volt V CC supply. A 12.0 volt V PP is not required for write or erase operations. The device can also be programmed in standard EPROM programmers. This device is manufactured using 0.32 µm process technology. In addition, it has a second toggle bit, DQ2, and offers the ability to program in the Erase Suspend mode. It is available with access times of 55, 60, ^+^+6=70, 90, 120, and 150ns, allowing high-speed microprocessors to operate with- out wait states. To eliminate bus contention the device has separate chip enable (CE\), write enable (WE\), and output en- able (OE\) controls. The device requires only a single 5.0 volt power supply for both read and write functions. Internally generated and regulated voltages are provided for the program and erase operations. The device is entirely command set compatible with the JEDEC single-power-supply FLASH standard. Commands are written to the command register using standard microprocessor write timings. Register contents serve as input to an internal state-machine that controls the erase and programming circuitry. Write cycles also internally latch addresses and data needed for the programming and erase operations. Reading data out of the device is similar to reading from other FLASH or EPROM devices. Device programming occurs by executing the program command sequence. This invokes the Embedded Program algorithm -- an internal algorithm that automatically times the program pulse widths and verifies proper cell margin. Device erasure occurs by executing the erase command sequence. This invokes the Embedded Erase algorithm -- an internal algorithm that automatically preprograms the array (if it is not already programmed) before executing the erase operation. During erase, the device automatically times the erase pulse widths and verifies proper cell margin. The host system can detect whether a program or erase operation is complete by reading the DQ7 (Data\Polling) and DQ6 (toggle) status bits. After a program or erase cycle has been completed, the device is ready to read array data or accept another command. The sector erase architecture allows memory sectors to be erased and reprogrammed without affecting the data contents of other sectors. The device is fully erased when shipped from the factory. The hardware data protection measures include a low V CC detector that automatically inhibits write operations during power transitions. The hardware sector protection feature disables both program and erase operations in any combination of the sectors of memory. This can be achieved via programming equipment. The erase suspect feature enables the user to put erase on hold for any period of time to read data from, or program data to, any sector that is not selected for erasure. True background erase can thus be achieved. The system can place the device into the standby mode. Power consumption is greatly reduced in this mode. The device electrically erases all bits within a sector simultaneously via Fowler-Nordheim tunneling. The data is programmed using hot electron injection. PIN CONFIGURATION LOGIC SYMBOL PIN DESCRIPTION A0 - A18 Address Inputs DQ0 - DQ7 Data Inputs/Outputs CE\ Chip Enable OE\ Output Enable WE\ Write Enable VCC +5V Single Power Supply VSS Device Ground |