データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS29F040F-70/XT データシート(PDF) 5 Page - Austin Semiconductor

部品番号 AS29F040F-70/XT
部品情報  512K x 8 FLASH UNIFORM SECTOR 5.0V FLASH MEMORY
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AUSTIN [Austin Semiconductor]
ホームページ  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS29F040F-70/XT データシート(HTML) 5 Page - Austin Semiconductor

  AS29F040F-70/XT Datasheet HTML 1Page - Austin Semiconductor AS29F040F-70/XT Datasheet HTML 2Page - Austin Semiconductor AS29F040F-70/XT Datasheet HTML 3Page - Austin Semiconductor AS29F040F-70/XT Datasheet HTML 4Page - Austin Semiconductor AS29F040F-70/XT Datasheet HTML 5Page - Austin Semiconductor AS29F040F-70/XT Datasheet HTML 6Page - Austin Semiconductor AS29F040F-70/XT Datasheet HTML 7Page - Austin Semiconductor AS29F040F-70/XT Datasheet HTML 8Page - Austin Semiconductor AS29F040F-70/XT Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
FLASH
FLASH
FLASH
FLASH
FLASH
AS29F040
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
5
AS29F040
Rev. 2.2 09/07
Austin Semiconductor, Inc.
Standby Mode
When the system is not reading or writing to the device, it
can place the device in the standby mode. In this mode, current
consumption is greatly reduced, and the outputs are placed in
the high impedance state, independent of the OE\ input.
The device enters the CMOS standby mode when the CE\
pin is held at V
CC
± 0.5V. (Note that this is a more restricted
voltage range than V
IH
.) The device enters the TTL standby
mode when CE\ is held at V
IH. The device requires the standard
access time (t
CE
) before it is ready to read data.
If the device is deselected during erasure or programming,
the device draws active current until the operation is completed.
I
CC3
in the DC Characteristics table represents the standby
current specification.
Output Disable Mode
When the OE\ input is at V
IH
, output from the device is
disabled. The output pins are placed in the high impedance
state.
Autoselect Mode
The autoselect mode provides manufacturer and device
identification, and sector protection verification, through
identifier codes output on DQ7 - DQ0. This mode is primarily
intended for programming equipment to automatically match a
device to be programmed with its corresponding programming
algorithm. However, the autoselect codes can also be accessed
in-system through the command register.
When using programming equipment, the autoselect mode
requires V
ID
(11.5V to 12.5 V) on address pin A9. Address pins
A6, A1, and A0 must be as shown in the Autoselect Codes
(High Voltage Method) table. In addition, when verifying
sector protection, the sector address must appear on the
appropriate highest order address bits.
Refer to the
corresponding Sector Address Tables. The Command
TABLE 2: SECTOR ADDRESSES TABLE
NOTE: All sectors are 64 Kbytes in size.
Definitions table shows the remaining address bits that are
don’t care. When all necessary bits have been set as required,
the programming equipment may then read the corresponding
identifier code on DQ7 - DQ0
To access the autoselect codes in-system, the host system
can issue the autoselect command via the command register, as
shown in the Command Definitions table. This method does
not require V
ID
. See “Command Definitions” for details on
using the autoselect mode.
Sector Protection/Unprotection
The hardware sector protection feature disables both
program and erase operations in any sector. The hardware
sector unprotection feature re-enables both program and erase
operations in previously protected sectors.
Sector protection/unprotection must be implemented
using programming equipment. The procedure requires a high
voltage (V
ID
) on address pin A9 and the control pins. The
device is shipped with all sectors unprotected. It is possible to
determine whether a sector is protected or unprotected. See
“Autoselect Mode” for details.
Hardware Data Protection
The command sequence requirement of unlock cycles for
programming or erasing provides data protection against
inadvertent writes (refer to the Command Definitions table). In
addition, the following hardware data protection measures
prevent accidental erasure or programming, which might
otherwise be caused by spurious system level signals during
V
CC
power-up and power-down transitions, or from system
noise.
Low V
CC
Write Inhibit
When V
CC
is less than V
LKO
, the device does not accept
any write cycles. This protects data during V
CC
power-up and
SECTOR
A18
A17
A16
ADDRESS RANGE
SA0
0
0
0
00000h - 0FFFFh
SA1
0
0
1
10000h - 1FFFFh
SA2
0
1
0
20000h - 2FFFFh
SA3
0
1
1
30000h - 3FFFFh
SA4
1
0
0
40000h - 4FFFFh
SA5
1
0
1
50000h - 5FFFFh
SA6
1
1
0
60000h - 6FFFFh
SA7
1
1
1
70000h - 7FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com