データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS29F040F-55/IT データシート(PDF) 12 Page - Austin Semiconductor

部品番号 AS29F040F-55/IT
部品情報  512K x 8 FLASH UNIFORM SECTOR 5.0V FLASH MEMORY
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AUSTIN [Austin Semiconductor]
ホームページ  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS29F040F-55/IT データシート(HTML) 12 Page - Austin Semiconductor

Back Button AS29F040F-55/IT Datasheet HTML 8Page - Austin Semiconductor AS29F040F-55/IT Datasheet HTML 9Page - Austin Semiconductor AS29F040F-55/IT Datasheet HTML 10Page - Austin Semiconductor AS29F040F-55/IT Datasheet HTML 11Page - Austin Semiconductor AS29F040F-55/IT Datasheet HTML 12Page - Austin Semiconductor AS29F040F-55/IT Datasheet HTML 13Page - Austin Semiconductor AS29F040F-55/IT Datasheet HTML 14Page - Austin Semiconductor AS29F040F-55/IT Datasheet HTML 15Page - Austin Semiconductor AS29F040F-55/IT Datasheet HTML 16Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
FLASH
FLASH
FLASH
FLASH
FLASH
AS29F040
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
12
AS29F040
Rev. 2.2 09/07
Austin Semiconductor, Inc.
completed the program or erase operation. The system can
read array data on DQ7-DQ0 on the following read cycle.
However, if after the initial two read cycles, the system
determines that the toggle bit is still toggling, the system also
should note whether the value of DQ5 is high (see the section
on DQ5). If it is, the system should then determine again whether
the toggle bit is toggling, since the toggle bit may have stopped
toggling just as DQ5 went high. If the toggle bit is no longer
toggling, the device has successfully completed the program
or erase operation. If it is still toggling, the device did not
complete the operation successfully, and the system must write
the reset command to return to reading array data.
The remaining scenario is that the system initially
determines that the toggle bit it toggling and DQ5 has not gone
high. The system may continue to monitor the toggle bit and
DQ5 through successive read cycles, determining the status as
described in the previous paragraph. Alternatively, it may
choose to perform other system tasks. In this case, the system
must start at the beginning of the algorithm when it returns to
determine the status of the operation (top of Figure 4).
DQ5: Exceeded Timing Limits
DQ5 indicates whether the program or erase time has
exceeded a specified internal pulse count limit. Under these
conditions DQ5 produces a “1.” This is a failure condition that
indicates the program or erase cycle was not successfully
completed.
The DQ5 failure condition may appear if the system tries to
program a “1” to a location that is previously programmed to
“0.” Only an erase operation can change a “0” back to a “1.”
Under this condition, the device halts the operation, and when
the operation has exceeded the timing limits, DQ5 produces a
“1.”
Under both these conditions, the system must issue the
reset command to return the device to reading array data.
DQ3: Sector Erase Timer
After writing a sector erase command sequence, the
system may read DQ3 to determine whether or not an erase
operation has begun. (The sector erase timer does not apply to
the chip erase command.) If additional sectors are selected for
erasure, the entire time-out also applies after each additional
sector erase command. When the time-out is complete, DQ3
switches from “0” to “1.” The system may ignore DQ3 if the
system can guarantee that the time between additional sector
erase commands will always be less than 50µs. See also the
“Sector Erase Command Sequence” section.
After the sector erase command sequence is written, the
system should read the status on DQ7 (Data\ Polling) or DQ6
(Toggle Bit I) to ensure the device has accepted the command
sequence, and then read DQ3. If DQ3 is “1”, the internally
controlled erase cycle has begun; all further commands (other
than Erase Suspend) are ignored until the erase operation is
complete. If DQ3 is “0”, the device will accept additional sector
erase commands. To ensure the command has been accepted,
the system software should check the status of DQ3 prior to
and following each subsequent sector erase command. If DQ3
is high on the second status check, the last command might not
have been accepted. Table 5 shows the outputs for DQ3.
TABLE 5: WRITE OPERATION STATUS
NOTES:
1. DQ7 and DQ2 requires a valid address when reading status information. Refer to the appropriate subsection for further details.
2. DQ5 switches to ‘1’ when an Embedded Program or Embedded Erase operation has exceeded the maximum timing limits. See “DQ5:
Exceeding Timing Limits” for more information.
DQ7
1
DQ6
DQ5
2
DQ3
DQ2
1
Embedded Program Algorithm
DQ7\
Toggle
0
0
No Toggle
Embedded Erase Algorithm
0
Toggle
0
1
Toggle
Reading within Erase Suspended Sector
1
No toggle
0
N/A
Toggle
Reading within Non-Erase Suspended Sector
Data
Data
Data
Data
Data
Erase-Suspend-Program
DQ7\
Toggle
0
N/A
N/A
Standard
Mode
OPERATION
Erase
Suspend
Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com