データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS29F040F-60/IT データシート(PDF) 6 Page - Austin Semiconductor

部品番号 AS29F040F-60/IT
部品情報  512K x 8 FLASH UNIFORM SECTOR 5.0V FLASH MEMORY
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AUSTIN [Austin Semiconductor]
ホームページ  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS29F040F-60/IT データシート(HTML) 6 Page - Austin Semiconductor

Back Button AS29F040F-60/IT Datasheet HTML 2Page - Austin Semiconductor AS29F040F-60/IT Datasheet HTML 3Page - Austin Semiconductor AS29F040F-60/IT Datasheet HTML 4Page - Austin Semiconductor AS29F040F-60/IT Datasheet HTML 5Page - Austin Semiconductor AS29F040F-60/IT Datasheet HTML 6Page - Austin Semiconductor AS29F040F-60/IT Datasheet HTML 7Page - Austin Semiconductor AS29F040F-60/IT Datasheet HTML 8Page - Austin Semiconductor AS29F040F-60/IT Datasheet HTML 9Page - Austin Semiconductor AS29F040F-60/IT Datasheet HTML 10Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
FLASH
FLASH
FLASH
FLASH
FLASH
AS29F040
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
6
AS29F040
Rev. 2.2 09/07
Austin Semiconductor, Inc.
power-down. The command register and all internal program/
erase circuits are disabled, and the device resets. Subsequent
writes are ignored until V
CC
is greater than V
LKO
. The system
must provide the proper signals to the control pins to prevent
unintentional writes when V
CC
is greater than V
LKO
.
Write Pulse “Glitch” Protection
Noise pulses of less than 5ns (typical) on OE\, CE\, or WE\
do not initiate a write cycle.
Logical Inhibit
Write cycles are inhibited by holding any one of OE\ = V
IL
,
CE\ = V
IH
or WE\ = V
IH
. To initiate a write cycle, CE\ and WE\
must be a logical zero while OE\ is a logical one.
Power-Up Write Inhibit
If WE\ = CE\ = V
IL
and OE\ = V
IH
during power up, the
device does not accept commands on the rising edge of WE\.
The internal state machine is automatically reset to reading
array data on power-up.
COMMAND DEFINITIONS
Writing specific address and data commands or sequences
into the command register initiates device operations. The
Command Definitions table defines the valid register command
sequences. Writing incorrect address and data values or
writing them in the improper sequence resets the device to
reading array data.
All addresses are latched on the falling edge of WE\ or
CE\, whichever happens later. All data is latched on the rising
edge of WE\ or CE\, whichever happens first. Refer to the
appropriate timing diagrams in the “AC Characteristics”
section.
Reading Array Data
The device is automatically set to reading array data after
device power-up. No commands are required to retrieve data.
TABLE 3: Autoselect Codes (High Voltage Method)
The device is also ready to read array data after completing an
Embedded Program or Embedded Erase algorithm.
After the device accepts an Erase Suspend command, the
device enters the Erase Suspend mode. The system can read
array data using the standard read timings, except that if it
reads at an address within erase-suspended sectors, the device
outputs status data. After completing a programming
operation in the Erase Suspend mode, the system may once
again read array data with the same exception. See “Erase
Suspend/Erase Resume” for more information.
The system must issue the reset command to re-enable the
device for reading array data if DQ5 goes high, or while in the
autoselect mode. See the “Reset Command” section, next.
See also “Requirements for Reading Array Data” in the
“Device Bus Operations” section for more information. The
Read Operations table provides the read parameters, and the
Read Operation Timings diagram shows the timing diagram.
Reset Command
Writing the reset command to the device resets the device
to reading array data. Address bits are don’t care for this
command.
The reset command may be written between the sequence
cycles in an erase command sequence before erasing begins.
This resets the device to reading array data. Once erasure
begins, however, the device ignores reset commands until the
operation is complete.
The reset command may be written between the sequence
cycles in a program command sequence before programming
begins. This resets the device to reading array data (also applies
to programming in Erase Suspend Mode). Once programming
begins, however, the device ignores reset commands until the
operation is complete.
The reset command may be written between the sequence
cycles in an autoselect command sequence. Once in the
autoselect mode, the reset command must be written to return
to reading array data (also applies to autoselect during Erase
Suspend).
Description
A18 - A16 A15 - A10
A9
A8 - A7
A6
A5 - A2
A1
A0
Identifier Code
On DQ7 to DQ0
Manufacturer ID
X
X
VID
X
VIL
X
VIL
VIL
01h
Device ID
X
X
VID
X
VIL
X
VIL
VIH
A4h
01h (protected)
00h
(unprotected)
Sector Protection
Verification
Sector
Address
XVID
XVIL
XVIH
VIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com