| データシートサーチシステム |
|
AS111C008/XT データシート(PDF) 20 Page - Austin Semiconductor |
|
|
|||||||||||||||||||||||||||||
AS111C008/XT データシート(HTML) 20 Page - Austin Semiconductor |
|
20 / 21 page ![]() V V V V Volta olta olta olta oltagggggeeeee Comparator Comparator Comparator Comparator Comparator AS111 AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice. 20 AS111 Rev. 1.6 6/05 Austin Semiconductor, Inc. *AVAILABLE PROCESSES: XT = Extended Temperature Range -55oC to +125oC /883C = MIL-STD-883 paragraph 1.2.1 -55oC to +125oC ORDERING INFORMATION EXAMPLE: AS111C008/883C Device Number Package Type Process AS111 C008 /* EXAMPLE: AS111C014/XT Device Number Package Type Process AS111 C014 /* EXAMPLE: AS111E020/XT Device Number Package Type Process AS111 E020 /* EXAMPLE: AS111TO08/883C Device Number Package Type Process AS111 TO08 /* |