データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS161F014/XT データシート(PDF) 6 Page - Austin Semiconductor

部品番号 AS161F014/XT
部品情報  High Speed Differential Comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AUSTIN [Austin Semiconductor]
ホームページ  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS161F014/XT データシート(HTML) 6 Page - Austin Semiconductor

  AS161F014/XT Datasheet HTML 1Page - Austin Semiconductor AS161F014/XT Datasheet HTML 2Page - Austin Semiconductor AS161F014/XT Datasheet HTML 3Page - Austin Semiconductor AS161F014/XT Datasheet HTML 4Page - Austin Semiconductor AS161F014/XT Datasheet HTML 5Page - Austin Semiconductor AS161F014/XT Datasheet HTML 6Page - Austin Semiconductor AS161F014/XT Datasheet HTML 7Page - Austin Semiconductor AS161F014/XT Datasheet HTML 8Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
V
V
V
V
VOL
OL
OL
OL
OLT
TT
T
TA
A
A
A
AGE
GE
GE
GE
GE
COMP
COMP
COMP
COMP
COMPARA
ARA
ARA
ARA
ARAT
TT
T
TOR
OR
OR
OR
OR
AS161
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
6
AS161
Rev. 0.3 6/05
Austin Semiconductor, Inc.
Package Designator F014
MECHANICAL DEFINITIONS*
*All measurements are in inches.
MIN
MAX
A
0.045
0.085
b
0.010
0.022
C
0.004
0.009
D
---
0.390
E
0.235
0.260
E1
---
0.280
E2
0.125
---
E3
0.030
---
e
L
0.250
0.370
Q
0.026
0.045
S1
0.005
---
0.050 BSC
SYMBOL
ASI SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8