データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS111PCP10/883C データシート(PDF) 17 Page - Austin Semiconductor

部品番号 AS111PCP10/883C
部品情報  Voltage Comparator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AUSTIN [Austin Semiconductor]
ホームページ  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS111PCP10/883C データシート(HTML) 17 Page - Austin Semiconductor

Back Button AS111PCP10/883C Datasheet HTML 13Page - Austin Semiconductor AS111PCP10/883C Datasheet HTML 14Page - Austin Semiconductor AS111PCP10/883C Datasheet HTML 15Page - Austin Semiconductor AS111PCP10/883C Datasheet HTML 16Page - Austin Semiconductor AS111PCP10/883C Datasheet HTML 17Page - Austin Semiconductor AS111PCP10/883C Datasheet HTML 18Page - Austin Semiconductor AS111PCP10/883C Datasheet HTML 19Page - Austin Semiconductor AS111PCP10/883C Datasheet HTML 20Page - Austin Semiconductor AS111PCP10/883C Datasheet HTML 21Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
V
V
V
V
Volta
olta
olta
olta
oltagggggeeeee
Comparator
Comparator
Comparator
Comparator
Comparator
AS111 RAD-TOL
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
17
AS111 RAD-TOL
Rev. 1.1 06/05
Austin Semiconductor, Inc.
PRELIMINARY SPECIFICATION
ASI Case (Package Designator C008)
SMD 5962-00524, Case Outline P (GDIP1-T8)
MECHANICAL DEFINITIONS*
*All measurements are in inches.
MIN
MAX
A
---
0.200
b
0.014
0.026
b2
0.045
0.065
c
0.008
0.018
D
---
0.405
E
0.220
0.310
e
eA
L
0.125
0.200
Q
0.015
0.060
S1
0.005
---
S2
0.005
---
SYMBOL
ASI SPECIFICATIONS
0.100 BCS
0.300 BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22