| データシートサーチシステム |
|
AS29F040F-55/Q データシート(PDF) 13 Page - Austin Semiconductor |
|
|
|||||||||||||||||||||||||||||
AS29F040F-55/Q データシート(HTML) 13 Page - Austin Semiconductor |
|
13 / 27 page ![]() FLASH FLASH FLASH FLASH FLASH AS29F040 AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice. 13 AS29F040 Rev. 2.2 09/07 Austin Semiconductor, Inc. *Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operation section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. ABSOLUTE MAXIMUM RATINGS* Ambient Temperature with PowerApplied............-55°C to +125°C Voltage with Respect to Ground V CC 1.................................................................-2.0Vto+7.0V A9, OE\ 2........................................................-2.0Vto+12.5V All other pins 1...............................................-2.0V to +7.0V V CC Supply Voltage (±10%)..........................................-4.5V to +5.5V Output Short Circuit Current 3..................................................200mA Storage Temperature..................................................-65°C to +125°C NOTES: 1. Minimum DC voltage on input or I/O pin is -0.5V. During voltage transitions, input may overshoot V SS to -2.0V for periods of up to 20ns. See Figure 5. Maximum DC voltage on input and I/O pins is V CC + 0.5V. During voltage transitions, input and I/O pins may overshoot V CC + 2.0V for periods up to 20ns. See Figure 6. 2. Minimum DC voltage on A9 pin is -0.5V. During voltage transitions, A9 and OE\ pins may overshoot V SS to -2.0V for periods of up to 20ns. See Figure 5. Maximum DC input voltage on A9 and OE\ is +12.5V which may overshoot to 13.5V for periods up to 20ns. 3. No more than one output shorted to ground at a time. Duration of the short circuit should not be greater than one second. FIGURE 5: Maximum Negative Overshoot Waveform FIGURE 6: Maximum Positive Overshoot Waveform |