| データシートサーチシステム |
|
AS111RTO99/883C データシート(PDF) 19 Page - Austin Semiconductor |
|
|
|||||||||||||||||||||||||||||
AS111RTO99/883C データシート(HTML) 19 Page - Austin Semiconductor |
|
19 / 22 page ![]() V V V V Volta olta olta olta oltagggggeeeee Comparator Comparator Comparator Comparator Comparator AS111 RAD-TOL AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice. 19 AS111 RAD-TOL Rev. 1.1 06/05 Austin Semiconductor, Inc. PRELIMINARY SPECIFICATION ASI Case (Package Designator GW10) SMD 5962-00524, Case Outline Z MIL-STD-1835 outline drawing GDFP1-G10 of 200 micro-inches. Solder may be applied over lead base metal or Sn plate. Max limit may be increased by 1. Lead Finish: Solder dipped with Sn 60 or Sn63 solder conforming to MIL-PRF-38535 to a min thickness b) a TAB on lead 1, either side. .003 inches after lead finish applied. 2. Lead 1 identification shall be: a) A notch or other mark within this area. Notes: A e .004 .009 .015 .022 .013 .017 .037 .043 .050 BSC .235 .260 .400 .420 .228 .253 .004 .012 .050 .080 Min Max E1 0 7 e R L 0 b C A1 C b E D A1 A D PIN 1 E R E1 L 0 MECHANICAL DEFINITIONS* *All measurements are in inches. |