| データシートサーチシステム |
|
AS111GW10/SPACE データシート(PDF) 18 Page - Austin Semiconductor |
|
|
|||||||||||||||||||||||||||||
AS111GW10/SPACE データシート(HTML) 18 Page - Austin Semiconductor |
|
18 / 22 page ![]() V V V V Volta olta olta olta oltagggggeeeee Comparator Comparator Comparator Comparator Comparator AS111 RAD-TOL AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice. 18 AS111 RAD-TOL Rev. 1.1 06/05 Austin Semiconductor, Inc. PRELIMINARY SPECIFICATION ASI Case (Package Designator CP10) SMD 5962-00524, Case Outline H MECHANICAL DEFINITIONS* *All measurements are in inches. MIL-STD-1835 outline drawing GDFP1-F10 A C Q L L D e E A C D E e Q L Min Max .004 .009 .235 .260 .050 BSC .250 .370 .026 .045 .226 .251 .045 .085 B B .010 .022 PIN 1 Notes: 1. Lead Finish: Solder dipped with Sn 60 or Sn63 solder conforming to MIL-PRF-38535 to a min thickness of 200 micro-inches. Solder may be applied over lead base metal or Sn plate. Max limit may be increased by .003 inches after lead finish applied. 2. Lead 1 identification shall be: a) A notch or other mark within this area. b) a TAB on lead 1, either side. 1 5 6 10 |