データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SC65D02C40 データシート(PDF) 9 Page - Silan Microelectronics Joint-stock

部品番号 SC65D02C40
部品情報  8-BIT MCU FOR PRESET REMOTE CONTROL (MASK TYPE)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILAN [Silan Microelectronics Joint-stock]
ホームページ  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC65D02C40 データシート(HTML) 9 Page - Silan Microelectronics Joint-stock

Back Button SC65D02C40 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC65D02C40 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC65D02C40 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC65D02C40 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC65D02C40 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC65D02C40 Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC65D02C40 Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC65D02C40 Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC65D02C40 Datasheet HTML 13Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
SC65D02C40
3.5 Code transmitting module
[Description]
This module is used to generate the high and low level sequence for Infrared diode control. It is comprised of
carrier generating circuit and 32-byte code transmitting buffer which will realize the exact code transmitting.
[Structure]
Figure 6 – Code transmitting diagram
[Function description]
The code transmitting of SC65D02C40 defines a universal waveform (figure 7), which should be complied with
when transmitting code.
Figure 7 – Code transmitting format
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2008.12.10
Http: //www.silan.com.cn
Page 9 of 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16