| データシートサーチシステム |
|
SC65D02P40 データシート(PDF) 10 Page - Silan Microelectronics Joint-stock |
|
|
|||||||||||||||||||||||||||||
SC65D02P40 データシート(HTML) 10 Page - Silan Microelectronics Joint-stock |
|
10 / 16 page ![]() SC65D02P40 Figure 7 – Code transmitting format The oscillator clock OscClk generates TClk (the cycle is T) via the code transmitting basic clock. The counting clock of the carrier generator is from the system clock TClk, as shown in figure 8. Where, the high level and low level time of the carrier is decided by the customer set TX_Carrier, and the unit is T. Figure 8 – Carrier generation theory TClk generates high and low level basic unit time TH and TL via basic 0/1 generator. TH and TL are decided by setting TX_SetBase1 and TX_SetBase0, and unit is T. TH is the basic unit time of high level time, and TL is the basic unit time of low level time. HANGZHOU SILAN MICROELECTRONICS CO.,LTD REV:1.2 2008.07.21 Http: //www.silan.com.cn Page 10 of 17 T T TH T T TH High level envelope time T T TL T T TL T T T T Low level envelope time Figure 9 – Code transmitting theory |