| データシートサーチシステム |
|
SC73P1601MATR データシート(PDF) 17 Page - Silan Microelectronics Joint-stock |
|
|
|||||||||||||||||||||||||||||
SC73P1601MATR データシート(HTML) 17 Page - Silan Microelectronics Joint-stock |
|
17 / 22 page ![]() SC73P1601 HANGZHOU SILAN MICROELECTRONICS CO.,LTD REV:1.4 2009.08.03 Http: www.silan.com.cn Page 17 of 22 The instruction is 2-byte long, and it can jump to any position in the ROM. Example: JMPS MAIN JMPS 100H VENT Format: VENT label Function: Define the entry and reset address of sub-program. Expression: Label is the sub-program name or the address symbol. Use VENT to specify the entry and reset address of the sub-program, and it must be at the beginning of the program. The first VENT denotes the reset address and the following VENT instructions denote the entry of the sub-program. In general, 16 sub-programs can be defined at most. All the sub-programs called by CALL instruction should be defined in VENT, or else errors will occur in assembly. Example: VENT MAIN VENT SUB1 VENT SUB2 … … … … .. ORG 100H MAIN: NOP NOP CALLS SUB1 CALLS SUB2 … … … … . SUB1: … … … … . SUB2: … … … … . END Format: END Function: Use the END instruction to end the assembly of a program. Expression: END pseudoinstruction ends the assembly of a program and the content after END will not be processed by assembler. If END is omitted, the assembler will process all the lines of the source file. Example: END |