データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SC9260 データシート(PDF) 3 Page - Silan Microelectronics Joint-stock

部品番号 SC9260
部品情報  2CH ELECTRONIC VOLUME CONTROLLER CONTROLLED BY SERIAL INTERFACE WITH LOUDNESS CONTROL
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILAN [Silan Microelectronics Joint-stock]
ホームページ  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9260 データシート(HTML) 3 Page - Silan Microelectronics Joint-stock

  SC9260 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC9260 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC9260 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9260 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9260 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9260 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9260 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9260 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9260 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SC9260
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2004.08.03
Http: www.silan.com.cn
Page 3 of
12
PIN CONFIGURATION
PIN DESCRIPTIONS
Pin no.
Pin name
Description
1
VSS
Digital ground pin
2
L-OUT
Left channel volume output pin
3
L-IN
Left channel volume input pin
4
L-LD1
Left channel tap output pins for loudness (1)
5
L-LD2
Left channel tap output pins for loudness (2)
6
L-GND
Analog ground pins
7
CS
Chip select input pin.
Input pin for designating chip select code. This pin correspond to bit
“C1”which is chip select bit in serial data.
When CS=”1”and C1=”1”, data is valid.
When CS=”0”and C1=”0”, data is valid.
8
CK
Clock input pin.
Clock input for data transfer.
9
DATA
Data input pin.
Attenuation channel selection data input terminal. Data consists of
13 bits and input by CK signal.
10
STB
Strobe input pin.
Attenuation setting signal take from DATA and CK terminals are
latched when this terminal is placed at “H”level.
11
R-GND
Analog ground pins
12
R-LD2
Right channel tap output pins for loudness (2)
13
R-LD1
Right channel tap output pins for loudness (1)
14
R-IN
Right channel volume input pin
15
R-OUT
Right channel volume output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com