データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN8P2610 データシート(PDF) 7 Page - SONiX Technology Company

部品番号 SN8P2610
部品情報  8-Bit Micro-Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONIX [SONiX Technology Company]
ホームページ  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P2610 データシート(HTML) 7 Page - SONiX Technology Company

Back Button SN8P2610 Datasheet HTML 3Page - SONiX Technology Company SN8P2610 Datasheet HTML 4Page - SONiX Technology Company SN8P2610 Datasheet HTML 5Page - SONiX Technology Company SN8P2610 Datasheet HTML 6Page - SONiX Technology Company SN8P2610 Datasheet HTML 7Page - SONiX Technology Company SN8P2610 Datasheet HTML 8Page - SONiX Technology Company SN8P2610 Datasheet HTML 9Page - SONiX Technology Company SN8P2610 Datasheet HTML 10Page - SONiX Technology Company SN8P2610 Datasheet HTML 11Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 102 page
background image
SN8P2610 Series
8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Page 7
Version 1.3
1
1
1 PRODUCT OVERVIEW
1.1 FEATURES
Memory configuration
♦ Two 8-bit Timer/Counter
OTP ROM size: 2K * 16 bits.
T0: Basic timer
RAM size: 64 * 8 bits.
TC0: Auto-reload timer/Counter/PWM0/Buzzer output
Four levels stack buffer
♦ On chip watchdog timer and clock source is internal
low clock RC type (16KHz @3V, 32KHz @5V).
I/O pin configuration
Bi-directional: P0, P1, P5.
♦ Dual system clocks
Input only: P1.5.
External high clock: RC type up to 10 MHz
Programmable open-drain: P1.0.
External high clock: Crystal type up to 16 MHz
Wakeup: P0, P1 level change trigger
Internal high clock: 16MHz RC type.
Pull-up resisters: P0, P1, P5.
Internal low clock: RC type 16KHz(3V), 32KHz(5V)
External Interrupt trigger edge:
P0.0 controlled by PEDGE register.
♦ Operating modes
P0.1 is falling edge trigger only.
Normal mode: Both high and low clock active
Slow mode: Low clock only
3-Level LVD.
Sleep mode: Both high and low clock stop
Reset system and power monitor.
Green mode: Periodical wakeup by T0 Timer
Four interrupt sources
♦ Package (Chip form support)
Two internal interrupts: T0, TC0.
PDIP 20 pins
One external interrupts: INT0, INT1.
PDIP 18 pins
PDIP 14 pins
Powerful instructions
SOP 20 pins
One clocks per instruction cycle (1T)
SOP 18 pins
Most of instructions are one cycle only.
SOP 14 pins
All ROM area JMP instruction.
SSOP 20 pins
All ROM area CALL address instruction.
All ROM area lookup table function (MOVC)
Features Selection Table
Timer
PWM
CHIP
ROM RAM Stack
T0
TC0
Int.
16M
RC
I/O
Green
Mode Buzzer
Wakeup
Pin No.
Package
SN8P1602B 1K*16
48
4
-
V
-
14
V
-
6
DIP18/SOP18/SSOP20
SN8P2602A 1K*16
48
4
V
V
-
15
V
V
7
DIP18/SOP18/SSOP20
SN8P2611 2K*16
64
4
V
V
V
12
V
V
6
DIP14/SOP14
SN8P2612 2K*16
64
4
V
V
V
16
V
V
8
DIP18/SOP18/SSOP20
SN8P2613 2K*16
64
4
V
V
V
18
V
V
10
DIP20/SOP20/SSOP20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com