データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST6205CS23RG データシート(PDF) 2 Page - Stanson Technology

部品番号 ST6205CS23RG
部品情報  Low ESR Low Power High-Speed CMOS LDO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STANSON [Stanson Technology]
ホームページ  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST6205CS23RG データシート(HTML) 2 Page - Stanson Technology

  ST6205CS23RG Datasheet HTML 1Page - Stanson Technology ST6205CS23RG Datasheet HTML 2Page - Stanson Technology ST6205CS23RG Datasheet HTML 3Page - Stanson Technology ST6205CS23RG Datasheet HTML 4Page - Stanson Technology ST6205CS23RG Datasheet HTML 5Page - Stanson Technology ST6205CS23RG Datasheet HTML 6Page - Stanson Technology ST6205CS23RG Datasheet HTML 7Page - Stanson Technology ST6205CS23RG Datasheet HTML 8Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ST6205
Low ESR Low Power High-Speed CMOS LDO
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
ST6205 2007. Rev. 1
ORDERING INFORMATION
Part Number
Package
Part Marking
ST6205XS23RG
SOT-323
5XYA
ST6205XS32RG
SOT-23-3L
5XYA
※
Process Code : A ~ Z ; a ~ z
※
ST6205XS23RG
X : Voltage Code S : SOT-23-3L ; R : Tape Reel ; G : Pb – Free
※
ST6205XS32RG
X : Voltage Code S : SOT-323 ; R : Tape Reel ; G : Pb – Free
PIN DESCRIPTION
SOT-23-3L
SOT-323
Symbol
Description
1
1
VSS
Ground
2
2
VOUT
Voltage Input
3
3
VIN
Voltage Output
VOLTAGE CODE INFORMATION
Voltage Code (X)
Output Voltage (V)
A
1.8
B
2.5
C
2.8
F
3.3



Html Pages

1 2 3 4 5 6 7 8