| データシートサーチシステム |
|
SMB117A データシート(PDF) 7 Page - Summit Microelectronics, Inc. |
|
|
|||||||||||||||||||||||||||||
SMB117A データシート(HTML) 7 Page - Summit Microelectronics, Inc. |
|
7 / 32 page ![]() SMB113A/B/SMB117/A Preliminary Information Summit Microelectronics, Inc 2111 2.4 6/24/2008 7 PIN DESCRIPTION Pin Number Pin Type Pin Name Pin Description 29 IN VM_CH3 The VM_CH3 (Channel 3 Voltage Monitor) pin connects the channel 3 step-down controller output. Internally the VM_CH3 pin connects to an internal programmable resistor divider. 30 PWR GND Ground 31 OUT LSDRV_CH0 The LSDRV_CH0 (Channel 0 Low-side Driver) pin is the lower switching node of the channel 0 synchronous step-down buck controller. Attach to the gate of n-channel MOSFET. 32 PWR HVSUP0 Channel 0 High Voltage Supply used to power the channel 0 buck driver. PAD PWR GND Exposed metal (thermal) Pad on bottom of SMB113A/B and SMB117/A. The thermal pad of the QFN package must be connected to the PCB GND. |