| データシートサーチシステム |
|
SMM151 データシート(PDF) 19 Page - Summit Microelectronics, Inc. |
|
|
|||||||||||||||||||||||||||||
SMM151 データシート(HTML) 19 Page - Summit Microelectronics, Inc. |
|
19 / 23 page ![]() SMM151/152 Preliminary Datasheet Summit Microelectronics, Inc 2131 2.1 8/15/2008 19 I2C PROGRAMMING INFORMATION (CONTINUED) S T A R T W A C K Master Slave A C K Configuration Register Address = 38 HEX 0 011 10 00 0 1 010 101 S T O P Data = 55 HEX A C K A 2 Bus Address A 1 A 0 5 HEX Unlocks General Purpose EE 5 HEX Unlocks Configuration Registers Write Protection Register Address 10 S A 1 S A 0 3 HEX 8 HEX Figure 10 – Write Protection Register Write S T A R T Bus Address W A C K Master Slave A C K Configuration Register Address C 7 C 6 C 5 C 4 C 3 C 2 C 1 C 0 D 7 D 6 D 5 D 4 D 3 D 2 D 1 D 0 S T O P Data A C K A 2 A 1 A 0 10 S A 1 S A 0 Figure 11 – Configuration Register Byte Write S T A R T Bus Address W A C K D 7 D 6 D 5 D 4 D 3 D 2 D 1 D 0 S T O P Master Master Slave Slave A C K Data (16) Configuration Register Address C 7 C 6 C 5 C 4 C 3 C 2 C 1 C 0 A C K D 7 D 6 D 5 D 4 D 3 D 2 D 1 D 0 Data (1) A C K D 7 D 6 D 5 D 4 D 3 D 2 D 1 D 0 Data (2) A C K D 7 D 6 D 5 D 2 D 1 D 0 A C K A 2 A 1 A 0 10 S A 1 S A 0 Figure 12 – Configuration Register Page Write |