| データシートサーチシステム |
|
PX-4001-RAA-D データシート(PDF) 2 Page - Vectron International, Inc |
|
|
|||||||||||||||||||||||||||||
PX-4001-RAA-D データシート(HTML) 2 Page - Vectron International, Inc |
|
2 / 4 page ![]() Performance Speci cations Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com Parameter Min Typ Max Units Condition RF Output Signal ACMOS, HCMOS Signal TTL “0” Level 0.4 V “1” Level 2.4 V Rise/Fall Time 2 15 5 ns ns @ (0.5-2.4V), <= 20 MHZ @ (0.5-2.4V), > 20 MHZ Symmetry 45 40 55 60 % % @+1.5 V, < 4 MHZ @+1.5 V, >= 4 MHZ Screen Testing of Above Models SCREEN TEST MIL-STD-883 METHOD Standard Options CLASS X CLASS B CLASS S Stabilization Bake (150°C) — X X Class S screen test requirements include 24 hour additional bake-out, 80 hour additional burn-in, thermal shock, PIND test and radio- graphic inspection in addition to Class B Screen- ing. Has major cost impact. Seal Test (Gross and Fine) 1014, Cond A2 X X Temperature Cycling (Thermal Shock) 1010, Cond B X Burn-in, operating 160 hours @125°C — X Acceleration (5000g in Y1 axis) 2001, Cond A X |