| データシートサーチシステム |
|
PX-2600-RCC-KA データシート(PDF) 4 Page - Vectron International, Inc |
|
|
|||||||||||||||||||||||||||||
PX-2600-RCC-KA データシート(HTML) 4 Page - Vectron International, Inc |
|
4 / 4 page ![]() Ordering Information PX - 260 0 - N C T - F K X S - 10M0000000 Product Family PX: PXO Package 20 x 24 mm Height 0: A 0.2” Supply Voltage A: 15 Vdc N: -5.2 Vdc R: -4.5 Vdc Accuracy Code B: ±10ppm D: ±15ppm F: ±25ppm K: ±50ppm Frequency Screening Option S: “S” Level screening B: “B” Level screening X: No Screening Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com Disclaimer Vectron International reserves the right to make changes to the product(s) and or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information. Rev: 11/25/2008 daf For Additional Information, Please Contact USA: Vectron International 267 Lowell Road Hudson, NH 03051 Tel: 1.888.328.7661 Fax: 1.888.329.8328 Europe: Vectron International Landstrasse, D-74924 Neckarbischofsheim, Germany Tel: +49 (0) 3328.4784.17 Fax: +49 (0) 3328.4784.30 Asia: Vectron International 1F-2F, No 8 Workshop, No 308 Fenju Road WaiGaoQiao Free Trade Zone Pudong, Shanghai, China 200131 Tel: 86.21.5048.0777 Fax: 86.21.5048.1881 RF Output Code C: ECL, PECL E: Sinewave (+7 dBm) Temperature Range A: -55°C to +85°C C: -55°C to +125°C P: 0°C to +50°C T: 0°C to +70°C Notes: Contact factory for improved stabilities or additional product options. Not all options and codes are available at all 1. frequencies. Unless other stated all values are valid after warm-up time and refer to typical conditions for supply voltage, frequency 2. control voltage, load, temperature (25°C). Phase noise degrades with increasing output frequency. 3. Subject to technical modi cation. 4. Contact factory for availability. 5. Temp Stability Code A: ±5ppm B: ±10ppm F: ±25ppm K: ±50ppm S: ±100ppm Enable Code X: No Option |