データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MS7905 データシート(PDF) 2 Page - Intersema Sensoric SA

部品番号 MS7905
部品情報  PRESSURE SENSOR DIE (0-5 BAR)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSEMA [Intersema Sensoric SA]
ホームページ  http://www.meas-spec.com/
Logo INTERSEMA - Intersema Sensoric SA

MS7905 データシート(HTML) 2 Page - Intersema Sensoric SA

  MS7905 Datasheet HTML 1Page - Intersema Sensoric SA MS7905 Datasheet HTML 2Page - Intersema Sensoric SA MS7905 Datasheet HTML 3Page - Intersema Sensoric SA MS7905 Datasheet HTML 4Page - Intersema Sensoric SA MS7905 Datasheet HTML 5Page - Intersema Sensoric SA  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DA7905_002.doc
May 6, 2009
2/5
000079051052
ECN 1186
BOND PAD CONFIGURATION
Vs+
Out-
Epi
Out+
GND1
GND2
Important remarks:
As the sensing elements are diffused resistances, the voltage
applied on the ground pads (GND1 and GND2) has to be lower
than the voltage applied on supply voltage pad (Vs+).
The epitaxial layer is connected to the Vs+ pin under the pad.
Gold ball bonding or aluminium wedge bonding can be used to
wire-bond the sensor. The quality of the wire-bonding is equipment
and
process
dependant.
For
this
reason,
it
is
strongly
recommended that a thorough wire-bonding qualification is made
by the end user if the sensor is going to be operated over an
extended temperature range.
LAYOUT (Absolute sensors)
MS7905-A_0.2
MS7905-A_0.5
Pad opening in passivation is 100 µ
µ
µ
µm



Html Pages

1 2 3 4 5