| データシートサーチシステム |
|
MPC2F35E2 データシート(PDF) 21 Page - Megawin Technology Co., Ltd |
|
|
|||||||||||||||||||||||||||||
MPC2F35E2 データシート(HTML) 21 Page - Megawin Technology Co., Ltd |
|
21 / 46 page ![]() MEGAWIN MPC2F35_USB Data Sheet 21 FIE: Function Interrupt Enable Register Read/Write Address: 18H Default: XXX0_0000 System Reset or USB Reset Bit Number Bit Mnemonic Function 7 - Reserved: Write zero to this bit. 6 - Reserved: Write zero to this bit. 5 - Reserved: Write zero to this bit. 4 FRXIE3 Function Receive Interrupt Enable 3: Enables the receive done interrupt for function endpoint 3 (FRXD3). 3 FTXIE2 Function Transmit Interrupt Enable 2: Enables the transmit done interrupt for function endpoint 2 (FTXD2). 2 FTXIE1 Function Transmit Interrupt Enable 1: Enables the transmit done interrupt for function endpoint 1 (FTXD1). 1 FRXIE0 Function Receive Interrupt Enable 0: Enables the receive done interrupt for function endpoint 0 (FRXD0). 0 FTXIE0 Function Transmit Interrupt Enable 0: Enables the transmit done interrupt for function endpoint 0 (FTXD0). |