| データシートサーチシステム |
|
MPC89x53AF データシート(PDF) 22 Page - Megawin Technology Co., Ltd |
|
|
|||||||||||||||||||||||||||||
MPC89x53AF データシート(HTML) 22 Page - Megawin Technology Co., Ltd |
|
22 / 38 page ![]() IP (or XICON) and IPH are combined to form 4-level priority interrupt as the following table. Priority {IPH.x , IP.x} Level 11 1 (highest) 10 2 01 3 00 4 SFR: XICON (External Interrupt Control): Bit-7 Bit-6 Bit-5 Bit-4 Bit-3 Bit-2 Bit-1 Bit-0 PX3 EX3 IE3 IT3 PX2 EX2 IE2 IT2 PX3 : If set, Set priority for external interrupt 3 higher EX3 : If set, Enables external interrupt 3. IE3 : Interrupt 3 Edge flag. Sets by hardware when external interrupt edge detected. Cleared when interrupt processed. IT3 : Interrupt 3 type control bit. Set/Cleared by software to specified falling edge/low level triggered interrupt. PX2 : If set, Set priority for external interrupt 3 higher EX2 : If set, enables external interrupt 2. IE2 : Interrupt 2 Edge flag. Sets by hardware when external interrupt edge detected. Cleared when interrupt processed. IT2 : Interrupt 2 types control bit. Set/Cleared by software to specify falling edge/low level triggered interrupt. Watchdog Timer 8-bit pre-scalar timer 15-bit WDT PS0 PS1 PS2 RESET 8 ENW CLK/12 CLRW IDLE WIDL 22 MPC89x53A Data Sheet MEGAWIN |