データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MAMXES0028 データシート(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

部品番号 MAMXES0028
部品情報  E-Series Surface Mount Mixer 1 - 1000 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MA-COM [M/A-COM Technology Solutions, Inc.]
ホームページ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAMXES0028 データシート(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAMXES0028 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAMXES0028 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAMXES0028 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
S 1605 A
Specifications subject to change without notice.
V 1.0
E-Series Surface Mount Mixer
1 – 1000 MHz
Rev A
MAMXES0028
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product informa-
tion.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make changes to
the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions is
considering for development. Performance is based on target specifications, simulated results, and/or
prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has
under development. Performance is based on engineering tests. Specifications are typical. Mechanical
outline has been fixed. Engineering samples and/or test data may be available. Commitment to produce in
volume is not guaranteed.
1
Features
• LO Power +7 dBm
• Up to +1 dBm RF
• Surface Mount
• Low Profile
Description
M/A-COM’s MAMXES0028 is a Low Cost, Broadband, high
performance Double Balanced Mixer designed for use in high
volume wireless applications. The device has been optimised by
careful selection of the Schottky Diode and Balun Transformer
for excellent performance. MAMXES0028 is available in an SM-
134 surface mount package and reflows using standard soldering
reflow profiles.
SM-134 Package
Electrical Specifications @ +25°C, Z0 = 50 Ohms,
LO
Parameter
Units
Minimum
Typical
Maximum
Frequency Range
RF
1 - 1000
LO
1 - 1000
IF
1 - 1000
MHz
MHz
MHz
Conversion Loss
1 - 500
500-1000
dB
dB
6.5
7.5
7.5
8.5
Isolation (LO - RF)
1 - 5
5 - 250
250 - 500
MHz
MHz
MHz
50
35
25
55
45
30
Isolation (LO - IF)
1- 5
5 - 250
250 - 1000
MHz
MHz
MHz
50
35
25
55
45
30
RF Input for 1dB Compression
dBm
+1
Input IP3
dBm
14
18
Note: Non Hermetic Package


同様の部品番号 - MAMXES0028

メーカー部品番号データシート部品情報
logo
Tyco Electronics
MAMXES0028 MACOM-MAMXES0028 Datasheet
98Kb / 3P
E-Series Surface Mount Mixer, 1 - 1000MHz
More results

同様の説明 - MAMXES0028

メーカー部品番号データシート部品情報
logo
Tyco Electronics
ELCM-2 MACOM-ELCM-2 Datasheet
202Kb / 2P
E-Series Surface Mount Mixer 5 - 1000 MHz
ELCM-2LH MACOM-ELCM-2LH Datasheet
122Kb / 2P
E-Series Surface Mount Mixer 5 - 1000 MHz
ESMD-C1MH MACOM-ESMD-C1MH Datasheet
58Kb / 1P
E-Series Surface Mount Mixer 1 - 1000 MHz
ESMD-C1 MACOM-ESMD-C1_1 Datasheet
138Kb / 2P
E-Series Surface Mount Mixer 1 - 1000 MHz
logo
M/A-COM Technology Solu...
EFM-900 MA-COM-EFM-900 Datasheet
82Kb / 3P
E-Series Surface Mount Mixer 810 - 1000 MHz
MAMX-008174-CXD860 MA-COM-MAMX-008174-CXD860 Datasheet
127Kb / 4P
E-Series Surface Mount Mixer 1 to 1000 MHz
MAMXES0115 MA-COM-MAMXES0115 Datasheet
47Kb / 2P
E-Series Surface Mount Mixer 5 - 1000 MHz
MAMX-008174-CXD860 MA-COM-MAMX-008174-CXD860 Datasheet
127Kb / 4P
E-Series Surface Mount Mixer 1 to 1000 MHz
MAMXES0115-V5 MA-COM-MAMXES0115-V5 Datasheet
104Kb / 4P
E-Series Surface Mount Mixer 1 ??1000 MHz
MAMXES0115 MA-COM-MAMXES0115_15 Datasheet
104Kb / 4P
E-Series Surface Mount Mixer 1 ??1000 MHz
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com