データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST7263BHx データシート(PDF) 67 Page - STMicroelectronics

部品番号 ST7263BHx
部品情報  Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BHx データシート(HTML) 67 Page - STMicroelectronics

Back Button ST7263BHx Datasheet HTML 63Page - STMicroelectronics ST7263BHx Datasheet HTML 64Page - STMicroelectronics ST7263BHx Datasheet HTML 65Page - STMicroelectronics ST7263BHx Datasheet HTML 66Page - STMicroelectronics ST7263BHx Datasheet HTML 67Page - STMicroelectronics ST7263BHx Datasheet HTML 68Page - STMicroelectronics ST7263BHx Datasheet HTML 69Page - STMicroelectronics ST7263BHx Datasheet HTML 70Page - STMicroelectronics ST7263BHx Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 186 page
background image
ST7263Bxx
On-chip peripherals
Doc ID 7516 Rev 8
67/186
Figure 34.
Output Compare block diagram
Figure 35.
Output Compare timing diagram, ftimer =fcpu/2
Figure 36.
Output Compare timing diagram, ftimeR =fCPU/4
OUTPUT COMPARE
16-bit
CIRCUIT
OC1R register
16 BIT FREE RUNNING
COUNTER
OC1E
CC0
CC1
OC2E
OLVL1
OLVL2
OCIE
(Control register 1) CR1
(Control register 2) CR2
0
0
0
OCF2
OCF1
(Status register) SR
16-bit
16-bit
OCMP1
OCMP2
Latch
1
Latch
2
OC2R register
Pin
Pin
FOLV2 FOLV1
INTERNAL CPU CLOCK
TIMER CLOCK
COUNTER REGISTER
OUTPUT COMPARE REGISTER i (OCRi)
OUTPUT COMPARE FLAG i (OCFi)
OCMPi PIN (OLVLi =1)
2ED3
2ED0
2ED1 2ED2
2ED3 2ED4
2ECF
INTERNAL CPU CLOCK
TIMER CLOCK
COUNTER REGISTER
OUTPUT COMPARE REGISTER i (OCRi)
2ED3
2ED0
2ED1 2ED2
2ED3 2ED4
2ECF
OUTPUT COMPARE FLAG i (OCFi)
OCMPi PIN (OLVLi =1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More