データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST7263BHx データシート(PDF) 46 Page - STMicroelectronics

部品番号 ST7263BHx
部品情報  Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BHx データシート(HTML) 46 Page - STMicroelectronics

Back Button ST7263BHx Datasheet HTML 42Page - STMicroelectronics ST7263BHx Datasheet HTML 43Page - STMicroelectronics ST7263BHx Datasheet HTML 44Page - STMicroelectronics ST7263BHx Datasheet HTML 45Page - STMicroelectronics ST7263BHx Datasheet HTML 46Page - STMicroelectronics ST7263BHx Datasheet HTML 47Page - STMicroelectronics ST7263BHx Datasheet HTML 48Page - STMicroelectronics ST7263BHx Datasheet HTML 49Page - STMicroelectronics ST7263BHx Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 186 page
background image
I/O ports
ST7263Bxx
46/186
Doc ID 7516 Rev 8
Figure 23.
PA1, PA2 configuration
Table 12.
PA1, PA2 description(1)
Port A
I / O
Alternate function
Input1
Output
Signal
Condition
PA1
without pull-up
Very high current open drain
SDA (I²C data)
I²C enable
PA2
without pull-up
Very high current open drain
SCL (I²C clock)
I²C enable
1.
Reset state.
DDR
LATCH
LATCH
DR SEL
DDR SEL
PAD
ALTERNATE ENABLE
N-BUFFER
1
0
CMOS SCHMITT TRIGGER
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More