データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST7263BDx データシート(PDF) 60 Page - STMicroelectronics

部品番号 ST7263BDx
部品情報  Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BDx データシート(HTML) 60 Page - STMicroelectronics

Back Button ST7263BDx Datasheet HTML 56Page - STMicroelectronics ST7263BDx Datasheet HTML 57Page - STMicroelectronics ST7263BDx Datasheet HTML 58Page - STMicroelectronics ST7263BDx Datasheet HTML 59Page - STMicroelectronics ST7263BDx Datasheet HTML 60Page - STMicroelectronics ST7263BDx Datasheet HTML 61Page - STMicroelectronics ST7263BDx Datasheet HTML 62Page - STMicroelectronics ST7263BDx Datasheet HTML 63Page - STMicroelectronics ST7263BDx Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 186 page
background image
On-chip peripherals
ST7263Bxx
60/186
Doc ID 7516 Rev 8
Figure 27.
Timer block diagram
1.
If IC, OC and TO interrupt requests have separate vectors then the last OR is not present (See device
Interrupt Vector Table).
MCU-PERIPHERAL INTERFACE
COUNTER
ALTERNATE
OUTPUT
COMPARE
REGISTER
OUTPUT COMPARE
EDGE DETECT
OVERFLOW
DETECT
CIRCUIT
1/2
1/4
1/8
8-bit
buffer
ST7 INTERNAL BUS
LATCH1
OCMP1
ICAP1
EXTCLK
fCPU
TIMER INTERRUPT
ICF2
ICF1
TIMD
0
0
OCF2
OCF1 TOF
PWM
OC1E
EXEDG
IEDG2
CC0
CC1
OC2E OPM
FOLV2
ICIE
OLVL1
IEDG1
OLVL2
FOLV1
OCIE TOIE
ICAP2
LATCH2
OCMP2
8
8
8 low
16
8 high
16
16
16
16
(Control register 1)
CR1
(Control register 2)
CR2
(Control/Status register)
6
16
8
8
8
8
8
8
EXEDG
TIMER INTERNAL BUS
CIRCUIT1
EDGE DETECT
CIRCUIT2
CIRCUIT
1
OUTPUT
COMPARE
REGISTER
2
INPUT
CAPTURE
REGISTER
1
INPUT
CAPTURE
REGISTER
2
CC[1:0]
COUNTER
pin
pin
pin
pin
pin
REGISTER
REGISTER
(See note)
CSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More