| データシートサーチシステム |
|
ST7263BDx データシート(PDF) 134 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7263BDx データシート(HTML) 134 Page - STMicroelectronics |
|
134 / 186 page ![]() Instruction set ST7263Bxx 134/186 Doc ID 7516 Rev 8 12.1.7 Relative mode (Direct, Indirect) This addressing mode is used to modify the PC register value by adding an 8-bit signed offset to it. The relative addressing mode consists of two sub-modes: Relative (Direct) The offset follows the opcode. Relative (Indirect) The offset is defined in memory, of which the address follows the opcode. BCP Bit Compare Short Instructions only Function CLR Clear INC, DEC Increment/Decrement TNZ Test Negative or Zero CPL, NEG 1 or 2 Complement BSET, BRES Bit Operations BTJT, BTJF Bit Test and Jump Operations SLL, SRL, SRA, RLC, RRC Shift and Rotate Operations SWAP Swap Nibbles CALL, JP Call or Jump subroutine Table 51. Instructions supporting Direct, Indexed, Indirect and Indirect Indexed addressing modes (continued) Long and Short instructions Function Table 52. Instructions supporting relative addressing mode Available relative direct/Indirect instructions Function JRxx Conditional Jump CALLR Call Relative |