データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST7263BEx データシート(PDF) 134 Page - STMicroelectronics

部品番号 ST7263BEx
部品情報  Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BEx データシート(HTML) 134 Page - STMicroelectronics

Back Button ST7263BEx Datasheet HTML 130Page - STMicroelectronics ST7263BEx Datasheet HTML 131Page - STMicroelectronics ST7263BEx Datasheet HTML 132Page - STMicroelectronics ST7263BEx Datasheet HTML 133Page - STMicroelectronics ST7263BEx Datasheet HTML 134Page - STMicroelectronics ST7263BEx Datasheet HTML 135Page - STMicroelectronics ST7263BEx Datasheet HTML 136Page - STMicroelectronics ST7263BEx Datasheet HTML 137Page - STMicroelectronics ST7263BEx Datasheet HTML 138Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 186 page
background image
Instruction set
ST7263Bxx
134/186
Doc ID 7516 Rev 8
12.1.7
Relative mode (Direct, Indirect)
This addressing mode is used to modify the PC register value by adding an 8-bit signed
offset to it.
The relative addressing mode consists of two sub-modes:
Relative (Direct)
The offset follows the opcode.
Relative (Indirect)
The offset is defined in memory, of which the address follows the opcode.
BCP
Bit Compare
Short Instructions only
Function
CLR
Clear
INC, DEC
Increment/Decrement
TNZ
Test Negative or Zero
CPL, NEG
1 or 2 Complement
BSET, BRES
Bit Operations
BTJT, BTJF
Bit Test and Jump Operations
SLL, SRL, SRA, RLC, RRC
Shift and Rotate Operations
SWAP
Swap Nibbles
CALL, JP
Call or Jump subroutine
Table 51.
Instructions supporting Direct, Indexed, Indirect and Indirect Indexed
addressing modes (continued)
Long and Short instructions
Function
Table 52.
Instructions supporting relative addressing mode
Available relative direct/Indirect instructions
Function
JRxx
Conditional Jump
CALLR
Call Relative



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More