| データシートサーチシステム |
|
ST7263BEx データシート(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7263BEx データシート(HTML) 17 Page - STMicroelectronics |
|
17 / 186 page ![]() ST7263Bxx Pin description Doc ID 7516 Rev 8 17/186 Legend / Abbreviations for Table 3 and Table 4: Type: I = input, O = output, S = supply In/Output level:CT = CMOS 0.3VDD/0.7VDD with input trigger Output level: 10 mA = 10mA high sink (Fn N-buffer only) 25 mA = 25 mA very high sink (on N-buffer only) Port and control configuration: ● Input:float = floating, wpu = weak pull-up, int = interrupt, ana = analog ● Output: OD = open drain, PP = push-pull, T = True open drain The RESET configuration of each pin is shown in bold. This configuration is kept as long as the device is under reset state. Table 3. Device pin description (QFN40, LQFP48, SO34 and SDIP32) Pin n° Pin name Level Port /control Main function (after reset) Alternate function Input Output 1176 VDD S Power supply voltage (4- 5.5 V) 2287 OSCOUT O Oscillator output 3398 OSCIN I Oscillator input 44 10 9 VSS S Digital ground 5 5 11 10 PC2/USBOE I/O CT X X Port C2 USB output Enable 6 6 12 13 PC1/TDO I/O CT X X Port C1 SCI Transmit Data output 7 7 13 14 PC0/RDI I/O CT X X Port C0 SCI Receive Data input 8 8 14 15 RESET I/O X X Reset - 9 15 16 NC -- Not connected - - 16 17 NC -- Not connected - - - 18 NC -- Not connected - - - 19 NC -- Not connected - - - 20 NC -- Not connected - - - 21 NC -- Not connected - - - 22 NC -- Not connected 9 10 17 23 PB7/AIN7/IT8 I/O CT 10mA X X X X Port B7 ADC analog input 7 10 11 18 24 PB6/AIN6/IT7 I/O CT 10mA X X X X Port B6 ADC analog input 6 11 12 19 25 VPP/TEST S Programming supply 12 13 20 26 PB5/AIN5/IT6 I/O CT 10mA X X X X Port B5 ADC analog input 5 13 14 21 27 PB4/AIN4/IT5 I/O CT 10mA X X X X Port B4 ADC analog input 4 14 15 22 28 PB3/AIN3 I/O CT 10mA X X X Port B3 ADC analog input 3 |