| データシートサーチシステム |
|
ST7263BEx データシート(PDF) 175 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7263BEx データシート(HTML) 175 Page - STMicroelectronics |
|
175 / 186 page ![]() ST7263Bxx Device configuration and ordering information Doc ID 7516 Rev 8 175/186 environment (IDE) with high-level language debugger, editor, project manager and integrated programming interface. 15.3.3 Programming tools During the development cycle, the ST7-EMU3 series emulators and the RLink provide in- circuit programming capability for programming the Flash microcontroller on your application board. In addition ST provides dedicated programming tools including the ST7-EPB programming boards, which include all the sockets required to program any of the devices in a specific ST7 sub-family. For production programming of ST7 devices, ST’s third-party tool partners also provide a complete range of gang and automated programming solutions, which are ready to integrate into your production environment. 15.3.4 Order codes for ST7263Bx development tools For additional ordering codes for spare parts and accessories, refer to the online product selector at www.st.com/mcu. Table 87. Development tool order codes for the ST7263Bx family MCU Starter kit Evaluation board Emulator In-circuit debugger/programmer Dedicated programmer ST7263Bx ST72F63B- SK/RAIS ST7MDTULS -EVAL ST7MDTU3- EMU3 STX-RLINK ST7MDTU3- EPB |