データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F102R4 データシート(PDF) 16 Page - STMicroelectronics

部品番号 STM32F102R4
部品情報  Low-density USB access line, ARM-based 32-bit MCU with 16/32 KB Flash, USB FS interface, 5 timers, ADC & 5 communication interfaces
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F102R4 データシート(HTML) 16 Page - STMicroelectronics

Back Button STM32F102R4 Datasheet HTML 12Page - STMicroelectronics STM32F102R4 Datasheet HTML 13Page - STMicroelectronics STM32F102R4 Datasheet HTML 14Page - STMicroelectronics STM32F102R4 Datasheet HTML 15Page - STMicroelectronics STM32F102R4 Datasheet HTML 16Page - STMicroelectronics STM32F102R4 Datasheet HTML 17Page - STMicroelectronics STM32F102R4 Datasheet HTML 18Page - STMicroelectronics STM32F102R4 Datasheet HTML 19Page - STMicroelectronics STM32F102R4 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 69 page
background image
Description
STM32F102x4, STM32F102x6
16/69
Doc ID 15057 Rev 3
register to generate an alarm. A 20-bit prescaler is used for the time base clock and is by
default configured to generate a time base of 1 second from a clock at 32.768 kHz.
Independent watchdog
The independent watchdog is based on a 12-bit downcounter and 8-bit prescaler. It is
clocked from an independent 40 kHz internal RC and as it operates independently from the
main clock, it can operate in Stop and Standby modes. It can be used as a watchdog to
reset the device when a problem occurs, or as a free running timer for application timeout
management. It is hardware or software configurable through the option bytes. The counter
can be frozen in debug mode.
Window watchdog
The window watchdog is based on a 7-bit downcounter that can be set as free running. It
can be used as a watchdog to reset the device when a problem occurs. It is clocked from the
main clock. It has an early warning interrupt capability and the counter can be frozen in
debug mode.
SysTick timer
This timer is dedicated for OS, but could also be used as a standard down counter. It
features:
A 24-bit down counter
Autoreload capability
Maskable system interrupt generation when the counter reaches 0.
Programmable clock source
General-purpose timers (TIMx)
There are 2 synchronizable general-purpose timers embedded in the STM32F102xx low-
density USB access line devices. These timers are based on a 16-bit auto-reload up/down
counter, a 16-bit prescaler and feature 4 independent channels each for input capture,
output compare, PWM or one-pulse mode output. This gives up to 12 input captures / output
compares / PWMs on the LQFP48 and LQFP64 packages.
The general-purpose timers can work together via the Timer Link feature for synchronization
or event chaining. Their counter can be frozen in debug mode.
Any of the general-purpose timers can be used to generate PWM outputs. They both have
independent DMA request generation.
These timers are capable of handling quadrature (incremental) encoder signals and the
digital outputs from 1 to 3 hall-effect sensors.
I²C bus
One I²C bus interface can operate in multi-master and slave modes. It can support standard
and fast modes. It supports dual slave addressing (7-bit only) and both 7/10-bit addressing
in master mode. A hardware CRC generation/verification is embedded.
The I2C interface can be served by DMA and they support SM Bus 2.0/PM Bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69