| データシートサーチシステム |
|
STM8L101F2 データシート(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L101F2 データシート(HTML) 28 Page - STMicroelectronics |
|
28 / 77 page ![]() Memory and register map STM8L101xx 28/77 Doc ID 15275 Rev 7 0x00 5250 TIM2 TIM2_CR1 TIM2 Control register 1 0x00 0x00 5251 TIM2_CR2 TIM2 Control register 2 0x00 0x00 5252 TIM2_SMCR TIM2 Slave Mode Control register 0x00 0x00 5253 TIM2_ETR TIM2 external trigger register 0x00 0x00 5254 TIM2_IER TIM2 Interrupt enable register 0x00 0x00 5255 TIM2_SR1 TIM2 Status register 1 0x00 0x00 5256 TIM2_SR2 TIM2 Status register 2 0x00 0x00 5257 TIM2_EGR TIM2 Event Generation register 0x00 0x00 5258 TIM2_CCMR1 TIM2 Capture/Compare mode register 1 0x00 0x00 5259 TIM2_CCMR2 TIM2 Capture/Compare mode register 2 0x00 0x00 525A TIM2_CCER1 TIM2 Capture/Compare enable register 1 0x00 0x00 525B TIM2_CNTRH TIM2 Counter high 0x00 0x00 525C TIM2_CNTRL TIM2 Counter low 0x00 0x00 525D TIM2_PSCR TIM2 Prescaler register 0x00 0x00 525E TIM2_ARRH TIM2 Auto-reload register high 0xFF 0x00 525F TIM2_ARRL TIM2 Auto-reload register low 0xFF 0x00 5260 TIM2_CCR1H TIM2 Capture/Compare register 1 high 0x00 0x00 5261 TIM2_CCR1L TIM2 Capture/Compare register 1 low 0x00 0x00 5262 TIM2_CCR2H TIM2 Capture/Compare register 2 high 0x00 0x00 5263 TIM2_CCR2L TIM2 Capture/Compare register 2 low 0x00 0x00 5264 TIM2_BKR TIM2 Break register 0x00 0x00 5265 TIM2_OISR TIM2 Output idle state register 0x00 0x00 5256 to 0x00 527F Reserved area (42 bytes) Table 7. General hardware register map (continued) Address Block Register label Register name Reset status |