| データシートサーチシステム |
|
STM32W108CB データシート(PDF) 126 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32W108CB データシート(HTML) 126 Page - STMicroelectronics |
|
126 / 179 page ![]() General-purpose timers STM32W108CB, STM32W108HB 126/179 Doc ID 16252 Rev 2 8.3.12 Timer x capture/compare 2 register (TIMx_CCR2) Address offset: 0xE038 (TIM1) and 0xF038 (TIM2) Reset value: 0x0000 0000 8.3.13 Timer x capture/compare 3 register (TIMx_CCR3) Address offset: 0xE03C (TIM1) and 0xF03C (TIM2) Reset value: 0x0000 0000 8.3.14 Timer x capture/compare 4 register (TIMx_CCR4) Address offset: 0xE040 (TIM1) and 0xF040 (TIM2) Reset value: 0x0000 0000 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 rw rw rw rw rw rw rw rw rw rw rw rw rw rw rw rw 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 TIM_CCR rw rw rw rw rw rw rw rw rw rw rw rw rw rw rw rw [15:0] See description in the TIMx_CCR1 register. 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 rw rw rw rw rw rw rw rw rw rw rw rw rw rw rw rw 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 TIM_CCR rw rw rw rw rw rw rw rw rw rw rw rw rw rw rw rw [15:0] See description in the TIMx_CCR1 register. 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 rw rw rw rw rw rw rw rw rw rw rw rw rw rw rw rw 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 TIM_CCR rw rw rw rw rw rw rw rw rw rw rw rw rw rw rw rw [15:0] See description in the TIMx_CCR1 register. |