| データシートサーチシステム |
|
STM32W108CB データシート(PDF) 129 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32W108CB データシート(HTML) 129 Page - STMicroelectronics |
|
129 / 179 page ![]() STM32W108CB, STM32W108HB General-purpose timers Doc ID 16252 Rev 2 129/179 8.3.19 Timer x missed interrupt register (INT_TIMxMISS) Address offset: 0xA818 (TIM1) and 0xA81C (TIM2) Reset value: 0x0000 0000 [12:9] INT_TIMRSVD: May change during normal operation. [6] INT_TIMTIF: Trigger interrupt. [4] INT_TIMCC4IF: Capture or compare 4 interrupt pending. [3] INT_TIMCC3IF: Capture or compare 3 interrupt pending. [2] INT_TIMCC2IF: Capture or compare 2 interrupt pending. [1] INT_TIMCC1IF: Capture or compare 1 interrupt pending. [0] INT_TIMUIF: Update interrupt pending. 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 rw rw rw rw rw rw rw rw rw rw rw rw rw rw rw rw 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 INT_TI MMIS SCC4I F INT_TI MMIS SCC3I F INT_TI MMIS SCC2I F INT_TI MMISS CC1IF INT_TIMMISSRSVD rw rw rw rw rw rw rw rw rw ro [12] INT_TIMMISSCC4IF: Capture or compare 4 interrupt missed. [11] INT_TIMMISSCC3IF: Capture or compare 3 interrupt missed. [10] INT_TIMMISSCC2IF: Capture or compare 2 interrupt missed. [9] INT_TIMMISSCC1IF: Capture or compare 1 interrupt missed. [6:0] INT_TIMMISSRSVD: May change during normal operation. |