| データシートサーチシステム |
|
STM32W108CB データシート(PDF) 133 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32W108CB データシート(HTML) 133 Page - STMicroelectronics |
|
133 / 179 page ![]() STM32W108CB, STM32W108HB Analog-to-digital converter Doc ID 16252 Rev 2 133/179 Input The analog input of the ADC can be chosen from various sources. The analog input is configured with the ADC_MUXP and ADC_MUXN bits within the ADC_CFG register. Table 16 shows the possible input selections. Table 17 shows the typical configurations of ADC inputs. Table 16. ADC inputs ADC_MUXn (1) 1. Denotes bits ADC_MUXP or ADC_MUXN in register ADC_CFG. Analog source at ADC GPIO pin Purpose 0 ADC0 PB5 1 ADC1 PB6 2 ADC2 PB7 3 ADC3 PC0 4 ADC4 PA4 5 ADC5 PA5 6 No connection 7 No connection 8 GND Internal connection Calibration 9 VREF/2 Internal connection Calibration 10 VREF Internal connection Calibration 11 1V8 VREG/2 Internal connection Supply monitoring and calibration 12 No connection 13 No connection 14 No connection 15 No connection Table 17. Typical ADC input configurations ADC P input ADC N input ADC_MUXP ADC_MUXN Purpose ADC0 VREF/2 0 9 Single-ended ADC1 VREF/2 1 9 Single-ended ADC2 VREF/2 2 9 Single-ended ADC3 VREF/2 3 9 Single-ended ADC4 VREF/2 4 9 Single-ended ADC5 VREF/2 5 9 Single-ended ADC1 ADC0 1 0 Differential ADC3 ADC2 3 2 Differential ADC5 ADC4 5 4 Differential GND VREF/2 8 9 Calibration |