| データシートサーチシステム |
|
STM32W108CB データシート(PDF) 139 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32W108CB データシート(HTML) 139 Page - STMicroelectronics |
|
139 / 179 page ![]() STM32W108CB, STM32W108HB Analog-to-digital converter Doc ID 16252 Rev 2 139/179 9.3.2 ADC offset register (ADC_OFFSET) Address offset: 0xD008 Reset value: 0x0000 0000 9.3.3 ADC gain register (ADC_GAIN) Address offset: 0xD00C Reset value: 0x0000 8000 9.3.4 ADC DMA configuration register (ADC_DMACFG) Address offset: 0xD010 Reset value: 0x0000 0000 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 rw rw rw rw rw rw rw rw rw rw rw rw rw rw rw rw 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ADC_OFFSET_FIELD rw rw rw rw rw rw rw rw rw rw rw rw rw rw rw rw [15:0] ADC_OFFSET_FIELD: 16-bit signed offset added to the basic ADC conversion result before gain correction is applied. 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 rw rw rw rw rw rw rw rw rw rw rw rw rw rw rw rw 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ADC_GAIN_FIELD rw rw rw rw rw rw rw rw rw rw rw rw rw rw rw rw [15:0] ADC_GAIN_FIELD: Gain factor that is multiplied by the offset-corrected ADC result to produce the output value. The gain is a 16-bit unsigned scaled integer value with a binary decimal point between bits 15 and 14. It can represent values from 0 to (almost) 2. The reset value is a gain factor of 1. 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 rw rw rw rw rw rw rw rw rw rw rw rw rw rw rw rw |